Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB161E-SSDH-Y Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DB161E-SSDH-Y
Description  16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161E-SSDH-Y Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DB161E-SSDH-Y Datasheet HTML 1Page - ATMEL Corporation AT45DB161E-SSDH-Y Datasheet HTML 2Page - ATMEL Corporation AT45DB161E-SSDH-Y Datasheet HTML 3Page - ATMEL Corporation AT45DB161E-SSDH-Y Datasheet HTML 4Page - ATMEL Corporation AT45DB161E-SSDH-Y Datasheet HTML 5Page - ATMEL Corporation AT45DB161E-SSDH-Y Datasheet HTML 6Page - ATMEL Corporation AT45DB161E-SSDH-Y Datasheet HTML 7Page - ATMEL Corporation AT45DB161E-SSDH-Y Datasheet HTML 8Page - ATMEL Corporation AT45DB161E-SSDH-Y Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
3
Atmel AT45DB161E [PRELIMINARY DATASHEET]
8782A–DFLASH–3/12
Table 1-1.
Pin Configurations
Symbol
Name and Function
Asserted
State
Type
CS
Chip Select: Asserting the CS pin selects the device. When the CS pin is deasserted, the
device will be deselected and normally be placed in the standby mode (not Deep Power-Down
mode) and the output pin (SO) will be in a high-impedance state. When the device is
deselected, data will not be accepted on the input pin (SI).
A high-to-low transition on the CS pin is required to start an operation and a low-to-high
transition is required to end an operation. When ending an internally self-timed operation such
as a program or erase cycle, the device will not enter the standby mode until the completion of
the operation.
Low
Input
SCK
Serial Clock: This pin is used to provide a clock to the device and is used to control the flow of
data to and from the device. Command, address, and input data present on the SI pin is
always latched on the rising edge of SCK, while output data on the SO pin is always clocked
out on the falling edge of SCK.
Input
SI
Serial Input: The SI pin is used to shift data into the device. The SI pin is used for all data input
including command and address sequences. Data on the SI pin is always latched on the rising
edge of SCK. Data present on the SI pin will be ignored whenever the device is deselected
(CS is deasserted).
Input
SO
Serial Output: The SO pin is used to shift data out from the device. Data on the SO pin is
always clocked out on the falling edge of SCK. The SO pin will be in a high-impedance state
whenever the device is deselected (CS is deasserted).
Output
WP
Write Protect: When the WP pin is asserted, all sectors specified for protection by the Sector
Protection Register will be protected against program and erase operations regardless of
whether the Enable Sector Protection command has been issued or not. The WP pin functions
independently of the software controlled protection method. After the WP pin goes low, the
content of the Sector Protection Register can not be modified.
If a program or erase command is issued to the device while the WP pin is asserted, the device
will simply ignore the command and perform no operation. The device will return to the idle
state once the CS pin has been deasserted. The Enable Sector Protection command and
Sector Lockdown command, however, will be recognized by the device when the WP pin is
asserted.
The WP pin is internally pulled-high and may be left floating if hardware controlled protection
will not be used. However, it is recommended that the WP pin also be externally connected to
VCC whenever possible.
Low
Input
RESET
Reset: A low state on the reset pin (RESET) will terminate the operation in progress and reset
the internal state machine to an idle state. The device will remain in the reset condition as long
as a low level is present on the RESET pin. Normal operation can resume once the RESET
pin is brought back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions on the
RESET pin during power-on sequences. If this pin and features are not utilized it is
recommended that the RESET pin be driven high externally.
Low
Input
VCC
Device Power Supply: The VCC pin is used to supply the source voltage to the device.
Operations at invalid VCC voltages may produce spurious results and should not be attempted.
Power
GND
Ground: The ground reference for the power supply. GND should be connected to the system
ground.
Ground


Similar Part No. - AT45DB161E-SSDH-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB161E-SSHD-B ETC2-AT45DB161E-SSHD-B Datasheet
2Mb / 73P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB161E-SSHD-B DIALOG-AT45DB161E-SSHD-B Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DB161E-SSHD-T ETC2-AT45DB161E-SSHD-T Datasheet
2Mb / 73P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB161E-SSHD-T DIALOG-AT45DB161E-SSHD-T Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
AT45DB161E-SSHD2B-T DIALOG-AT45DB161E-SSHD2B-T Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
More results

Similar Description - AT45DB161E-SSDH-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB161E ETC2-AT45DB161E Datasheet
2Mb / 73P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DQ161 ETC2-AT45DQ161_14 Datasheet
2Mb / 82P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
AT45DB321E ETC2-AT45DB321E_13 Datasheet
2Mb / 73P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT45DB321E ETC2-AT45DB321E Datasheet
2Mb / 72P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB161E RENESAS-AT45DB161E Datasheet
2Mb / 77P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
1/27/23
logo
List of Unclassifed Man...
AT45DQ161 ETC2-AT45DQ161 Datasheet
2Mb / 81P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT45DB161E DIALOG-AT45DB161E Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DQ321 ETC2-AT45DQ321 Datasheet
2Mb / 82P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com