Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8606ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8606ARZ
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8606ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8606ARZ Datasheet HTML 4Page - Analog Devices AD8606ARZ Datasheet HTML 5Page - Analog Devices AD8606ARZ Datasheet HTML 6Page - Analog Devices AD8606ARZ Datasheet HTML 7Page - Analog Devices AD8606ARZ Datasheet HTML 8Page - Analog Devices AD8606ARZ Datasheet HTML 9Page - Analog Devices AD8606ARZ Datasheet HTML 10Page - Analog Devices AD8606ARZ Datasheet HTML 11Page - Analog Devices AD8606ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8605/AD8606/AD8608
Data Sheet
Rev. N | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VS
Differential Input Voltage
6 V
Output Short-Circuit Duration to GND
Observe Derating Curves
Storage Temperature Range
All Packages
−65°C to +150°C
Operating Temperature Range
All Packages
−40°C to +125°C
Junction Temperature Range
All Packages
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4.
Package Type
θJA1
θJC
Unit
5-Ball WLCSP (CB)
170
°C/W
5-Lead SOT-23 (RJ)
240
92
°C/W
8-Ball WLCSP (CB)
115
°C/W
8-Lead MSOP (RM)
206
44
°C/W
8-Lead SOIC_N (R)
157
56
°C/W
14-Lead SOIC_N (R)
105
36
°C/W
14-Lead TSSOP (RU)
148
23
°C/W
1
θJA is specified for the worst-case conditions, that is, a device soldered in a
circuit board for surface-mount packages.
ESD CAUTION


Similar Part No. - AD8606ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8606ARZ AD-AD8606ARZ Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8606ARZ-REEL AD-AD8606ARZ-REEL Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8606ARZ-REEL7 AD-AD8606ARZ-REEL7 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results

Similar Description - AD8606ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
   Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com