Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9229ABCPZRL7-50 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9229ABCPZRL7-50
Description  Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229ABCPZRL7-50 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9229ABCPZRL7-50 Datasheet HTML 6Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 7Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 8Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 9Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 10Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 11Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 12Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 13Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD9229
Rev. B | Page 10 of 40
EQUIVALENT CIRCUITS
AVDD
AGND
VIN+, VIN–
Figure 4. Equivalent Analog Input Circuit
AVDD
170
Ω
AGND
CLK
Figure 5. Equivalent Clock Input Circuit
AVDD
375
Ω
AGND
PDWN
Figure 6. Equivalent Digital Input Circuit
DRVDD
DRGND
D–
D+
V
V
V
V
Figure 7. Equivalent Digital Output Circuit
AVDD
375
Ω
100k
Ω
AGND
DTP
Figure 8. Equivalent DTP Input Circuit


Similar Part No. - AD9229ABCPZRL7-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229ABCPZRL7-50 AD-AD9229ABCPZRL7-50 Datasheet
785Kb / 41P
   Serial, LVDS, 3 V A/D Converter
More results

Similar Description - AD9229ABCPZRL7-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com