Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9255BCPZ-105 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9255BCPZ-105
Description  14-Bit, 125 MSPS/105 MSPS/80 MSPS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9255BCPZ-105 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9255BCPZ-105 Datasheet HTML 4Page - Analog Devices AD9255BCPZ-105 Datasheet HTML 5Page - Analog Devices AD9255BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9255BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9255BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9255BCPZ-105 Datasheet HTML 9Page - Analog Devices AD9255BCPZ-105 Datasheet HTML 10Page - Analog Devices AD9255BCPZ-105 Datasheet HTML 11Page - Analog Devices AD9255BCPZ-105 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9255
Data Sheet
Rev. C | Page 8 of 44
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, SVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and
DCS enabled, unless otherwise noted.
Table 4.
AD9255BCPZ-801
AD9255BCPZ-1051
AD9255BCPZ-1251
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
625
MHz
Conversion Rate2
DCS Enabled
Full
20
80
20
105
20
125
MSPS
DCS Disabled
Full
10
80
10
105
10
125
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
12.5
9.5
8
ns
CLK Pulse Width High (tCH)
Divide-by-1 Mode
DCS Enabled
Full
3.75
6.25
8.75
2.85
4.75
6.65
2.4
4
5.6
ns
DCS Disabled
5.9
6.25
6.6
4.5
4.75
5.0
3.8
4
4.2
ns
Divide-by-3 Mode, Divide-by-5 Mode, and
Divide-by-7 Mode, DCS Enabled3
Full
0.8
0.8
0.8
ns
Divide-by-2 Mode, Divide-by-4 Mode, Divide-
by-6 Mode, and Divide-by-8 Mode, DCS
Enabled or DCS Disabled3
Full
0.8
0.8
0.8
ns
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.07
0.07
0.07
ps rms
DATA OUTPUT PARAMETERS
CMOS Mode
Data Propagation Delay (tPD)
Full
2.4
2.8
3.4
2.4
2.8
3.4
2.4
2.8
3.4
ns
DCO Propagation Delay (tDCO)4
Full
2.7
3.4
4.2
2.7
3.4
4.2
2.7
3.4
4.2
ns
DCO to Data Skew (tSKEW)
Full
0.3
0.6
0.9
0.3
0.6
0.9
0.3
0.6
0.9
ns
Pipeline Delay (Latency)
Full
12
12
12
Cycles
LVDS Mode
Data Propagation Delay (tPD)
Full
2.6
3.4
4.2
2.6
3.4
4.2
2.6
3.4
4.2
ns
DCO Propagation Delay (tDCO)4
Full
3.3
3.8
4.3
3.3
3.8
4.3
3.3
3.8
4.3
ns
DCO to Data Skew (tSKEW)
−0.3
+0.4
+1.2
−0.3
+0.4
+1.2
−0.3
+0.4
+1.2
Pipeline Delay (Latency)
Full
12.5
12.5
12.5
Cycles
Wake-Up Time5
Full
500
500
500
μs
OUT-OF-RANGE RECOVERY TIME
Full
2
2
2
Cycles
1 The suffix following the part number refers to the model found in the Ordering Guide section.
2 Conversion rate is the clock rate after the divider.
3 See the Input Clock Divider section for additional information on using the DCS with the input clock divider.
4 Additional DCO delay can be added by writing to Bit 0 through Bit 4 in SPI Register 0x17 (see Table 17).
5 Wake-up time is defined as the time required to return to normal operation from power-down mode.


Similar Part No. - AD9255BCPZ-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9255BCPZ-105 AD-AD9255BCPZ-105 Datasheet
1Mb / 45P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9255BCPZ-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com