Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT113-S Datasheet(PDF) 9 Page - ATMEL Corporation

Part # QT113-S
Description  CHARGE-TRANSFER TOUCH SENSOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

QT113-S Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button QT113-S Datasheet HTML 4Page - ATMEL Corporation QT113-S Datasheet HTML 5Page - ATMEL Corporation QT113-S Datasheet HTML 6Page - ATMEL Corporation QT113-S Datasheet HTML 7Page - ATMEL Corporation QT113-S Datasheet HTML 8Page - ATMEL Corporation QT113-S Datasheet HTML 9Page - ATMEL Corporation QT113-S Datasheet HTML 10Page - ATMEL Corporation QT113-S Datasheet HTML 11Page - ATMEL Corporation QT113-S Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4.5 DC SPECIFICATIONS
Vdd = 3.0V, Cs = 10nF, Cx = 5pF, TA = recommended range, unless otherwise noted
Note 2
fF
28
1,000
Sensitivity range
S
bits
14
Acquisition resolution
AR
Resistance from SNS1 to SNS2
1M
Min shunt resistance
IX
pF
100
0
Load capacitance range
CX
OPT1, OPT2
µA
±1
Input leakage current
IIL
OUT, 1mA source
V
Vdd-0.7
High output voltage
VOH
OUT, 4mA sink
V
0.6
Low output voltage
VOL
OPT1, OPT2
V
2.2
High input logic level
VHL
OPT1, OPT2
V
0.8
Low input logic level
VIL
Required for proper startup
V/s
100
Supply turn-on slope
VDDS
µA
1,500
600
Supply current
IDD
V
5.25
2.45
Supply voltage
VDD
Notes
Units
Max
Typ
Min
Description
Parameter
Note 2: Sensitivity depends on value of Cx and Cs. Refer to Figures 4-1, 4-2.
- 9 -
Figure 4-1 - Typical Threshold Sensitivity vs. Cx,
High Gain, at Selected Values of Cs; Vdd = 3.0
0.01
0.10
1.00
10.00
0
102030
40
Cx Load, pF
10nF
20nF
50nF
100nF
200nF
500nF
Figure 4-2 - Typical Threshold Sensitivity vs. Cx,
Low Gain, at Selected Values of Cs; Vdd = 3.0
0.01
0.10
1.00
10.00
0
1020
3040
Cx Load, pF
10nF
20nF
50nF
100nF
200nF
500nF


Similar Part No. - QT113-S

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT113-DG QUANTUM-QT113-DG Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
QT113-G QUANTUM-QT113-G Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
QT113-ISG QUANTUM-QT113-ISG Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
More results

Similar Description - QT113-S

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT118H QUANTUM-QT118H Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
QTM1001 QUANTUM-QTM1001 Datasheet
547Kb / 4P
   Charge Transfer (QT) Sensor Module
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com