Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT113-IS Datasheet(PDF) 6 Page - ATMEL Corporation

Part # QT113-IS
Description  CHARGE-TRANSFER TOUCH SENSOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

QT113-IS Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button QT113-IS Datasheet HTML 2Page - ATMEL Corporation QT113-IS Datasheet HTML 3Page - ATMEL Corporation QT113-IS Datasheet HTML 4Page - ATMEL Corporation QT113-IS Datasheet HTML 5Page - ATMEL Corporation QT113-IS Datasheet HTML 6Page - ATMEL Corporation QT113-IS Datasheet HTML 7Page - ATMEL Corporation QT113-IS Datasheet HTML 8Page - ATMEL Corporation QT113-IS Datasheet HTML 9Page - ATMEL Corporation QT113-IS Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electromechanical devices like relays will usually ignore this
short pulse. The pulse also has too low a duty cycle to visibly
affect LED’s. It can be filtered completely if desired, by
adding an RC timeconstant to filter the output, or if interfacing
directly and only to a high-impedance CMOS input, by doing
nothing or at most adding a small non-critical capacitor from
Out to ground (Figure 2-5).
The QT113H variant has an active-high output; the heartbeat
signal of the QT113H works in exactly the same manner.
2.2.4 OUTPUT DRIVE
The QT113’s `output is active low and can sink up to 5mA of
non-inductive current. If an inductive load is used, such as a
small relay, the load should be diode clamped to prevent
damage. When set to operate in a proximity mode (at high
gain) the current should be limited to 1mA to prevent gain
shifting side effects from occurring, which happens when the
load current creates voltage drops on the die and bonding
wires; these small shifts can materially influence the signal
level to cause detection instability as described below.
Care should be taken when the QT113 and the load are both
powered from the same supply, and the supply is minimally
regulated. The QT113 derives its internal references from the
power supply, and sensitivity shifts can occur with changes in
Vdd, as happens when loads are switched on. This can
induce detection ‘cycling’, whereby an object is detected, the
load is turned on, the supply sags, the detection is no longer
sensed, the load is turned off, the supply rises and the object
is reacquired, ad infinitum. To prevent this occurrence, the
output should only be lightly loaded if the device is operated
from
an
unregulated
supply,
e.g.
batteries.
Detection
‘stiction’, the opposite effect, can occur if a load is shed when
Out is active.
The output of the QT113 can directly drive a resistively
limited LED. The LED should be connected with its cathode
to the output and its anode towards Vcc, so that it lights when
the sensor is active. If desired the LED can be connected
from Out to ground, and driven on when the sensor is
inactive.
The QT113H variant has an active-high output.
3 - CIRCUIT GUIDELINES
3.1 SAMPLE CAPACITOR
Charge sampler Cs can be virtually any plastic film or
medium-K ceramic capacitor. The acceptable Cs range is
from 10nF to 500nF depending on the sensitivity required;
larger values of Cs demand higher stability to ensure reliable
sensing. Acceptable capacitor types include polycarbonate,
PPS film, or NPO/C0G ceramic.
3.2 OPTION STRAPPING
The option pins Opt1 and Opt2 should never be left floating.
If they are floated, the device will draw excess power and the
options will not be properly read on powerup. Intentionally,
there are no pullup resistors on these lines, since pullup
resistors add to power drain if tied low.
The Gain input should be connected to either Vdd or Gnd.
Tables 1-1 and 2-1 show the option strap configurations
available.
3.4 POWER SUPPLY, PCB LAYOUT
The power supply can range from 2.5 to 5.0 volts. At 3 volts
current drain averages less than 600µA in most cases, but
can be higher if Cs is large. Increasing Cx values will actually
decrease power drain. Operation can be from batteries, but
be cautious about loads causing supply droop (see Output
Drive, previous section).
As battery voltage sags with use or fluctuates slowly with
temperature, the QT113 will track and compensate for these
changes automatically with only minor changes in sensitivity.
If the power supply is shared with another electronic system,
care should be taken to assure that the supply is free of
- 6 -
Figure 2-4
Using a micro to obtain HB pulses in either output state
Figure 2-3
Getting HearBeat pulses with a pull-down resistor
3
46
5
1
+2 .5 to 5
7
2
OUT
OPT 1
OPT 2
GAIN
SNS1
SNS2
Vss
Vd d
8
Ro
H eartBeat™ P u lses
Microcontroller
PORT_M.x
PORT_M.y
3
46
5
7
2
OUT
OPT1
OPT2
GAIN
SNS1
SNS2
Ro
Figure 2-5 Eliminating HB Pulses
3
46
5
7
2
OUT
OPT 1
OPT 2
GA IN
SN S 1
SN S 2
CM O S
100p F
Co
G AT E OR
MIC RO INPU T


Similar Part No. - QT113-IS

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT113-ISG QUANTUM-QT113-ISG Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
More results

Similar Description - QT113-IS

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT118H QUANTUM-QT118H Datasheet
421Kb / 14P
   CHARGE-TRANSFER TOUCH SENSOR
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
QTM1001 QUANTUM-QTM1001 Datasheet
547Kb / 4P
   Charge Transfer (QT) Sensor Module
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com