Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9235BRUZRL7-65 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9235BRUZRL7-65
Description  12-Bit, 20/40/65 MSPS 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235BRUZRL7-65 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9235BRUZRL7-65 Datasheet HTML 3Page - Analog Devices AD9235BRUZRL7-65 Datasheet HTML 4Page - Analog Devices AD9235BRUZRL7-65 Datasheet HTML 5Page - Analog Devices AD9235BRUZRL7-65 Datasheet HTML 6Page - Analog Devices AD9235BRUZRL7-65 Datasheet HTML 7Page - Analog Devices AD9235BRUZRL7-65 Datasheet HTML 8Page - Analog Devices AD9235BRUZRL7-65 Datasheet HTML 9Page - Analog Devices AD9235BRUZRL7-65 Datasheet HTML 10Page - Analog Devices AD9235BRUZRL7-65 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
AD9235
Rev. D | Page 7 of 40
ABSOLUTE MAXIMUM RATINGS
Table 5.
Pin Name
With
Respect to
Min
Max
Unit
ELECTRICAL
AVDD
AGND
–0.3
+3.9
V
DRVDD
DGND
–0.3
+3.9
V
AGND
DGND
–0.3
+0.3
V
AVDD
DRVDD
–3.9
+3.9
V
Digital
Outputs
DGND
–0.3
DRVDD + 0.3
V
CLK, MODE
AGND
–0.3
AVDD + 0.3
V
VIN+, VIN–
AGND
–0.3
AVDD + 0.3
V
VREF
AGND
–0.3
AVDD + 0.3
V
SENSE
AGND
–0.3
AVDD + 0.3
V
REFB, REFT
AGND
–0.3
AVDD + 0.3
V
PDWN
AGND
–0.3
AVDD + 0.3
V
ENVIRONMENTAL1
Operating Temperature
–40
+85
°C
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
Storage Temperature
–65
+150
°C
1
Typical thermal impedances (28-lead TSSOP), θJA = 67.7°C/W; (32-lead
LFCSP), θJA = 32.5°C/W, θJC = 32.71°C/W. These measurements were taken on
a 4-layer board in still air, in accordance with EIA/JESD51-1.
Absolute maximum ratings are limiting values to be applied
individually and beyond which the serviceability of the circuit
may be impaired. Functional operability is not necessarily
implied. Exposure to absolute maximum rating conditions for
an extended period of time may affect device reliability.
EXPLANATION OF TEST LEVELS
Test
Levels
Description
I
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characteriza-
tion testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by de-
sign and characterization testing for industrial tem-
perature range; 100% production tested at tempera-
ture extremes for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy elec-
trostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation
or loss of functionality.


Similar Part No. - AD9235BRUZRL7-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235BRUZRL7-65 AD-AD9235BRUZRL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRUZRL7-65 AD-AD9235BRUZRL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRUZRL7-65 AD-AD9235BRUZRL7-65 Datasheet
833Kb / 41P
   3V A/D Converter
More results

Similar Description - AD9235BRUZRL7-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235 Datasheet
1Mb / 32P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. B
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com