Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9600ABCPZ-125 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9600ABCPZ-125
Description  10-Bit, 105 MSPS/125 MSPS/150 MSPS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9600ABCPZ-125 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9600ABCPZ-125 Datasheet HTML 4Page - Analog Devices AD9600ABCPZ-125 Datasheet HTML 5Page - Analog Devices AD9600ABCPZ-125 Datasheet HTML 6Page - Analog Devices AD9600ABCPZ-125 Datasheet HTML 7Page - Analog Devices AD9600ABCPZ-125 Datasheet HTML 8Page - Analog Devices AD9600ABCPZ-125 Datasheet HTML 9Page - Analog Devices AD9600ABCPZ-125 Datasheet HTML 10Page - Analog Devices AD9600ABCPZ-125 Datasheet HTML 11Page - Analog Devices AD9600ABCPZ-125 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
AD9600
Rev. B | Page 8 of 72
Parameter
Temperature
Min
Typ
Max
Unit
LOGIC INPUTS/OUTPUTS (SMI SDO/OEB, SMI SCLK/PDWN)2
High Level Input Voltage
Full
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current (VIN = 3.3 V)
Full
−90
−134
μA
Low Level Input Current
Full
−10
+10
μA
Input Resistance
Full
26
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS
CMOS Mode—DRVDD = 3.3 V
High Level Output Voltage (IOH = 50 μA)
Full
3.29
V
High Level Output Voltage (IOH = 0.5 mA)
Full
3.25
V
Low Level Output Voltage (IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (IOL = 50 μA)
Full
0.05
V
CMOS Mode—DRVDD = 1.8 V
High Level Output Voltage (IOH = 50 μA)
Full
1.79
V
High Level Output Voltage (IOH = 0.5 mA)
Full
1.75
V
Low Level Output Voltage (IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (IOL = 50 μA)
Full
0.05
V
LVDS Mode—DRVDD = 1.8 V
Differential Output Voltage (VOD), ANSI Mode
Full
250
350
450
mV
Output Offset Voltage (VOS), ANSI Mode
Full
1.15
1.25
1.35
V
Differential Output Voltage (VOD), Reduced Swing Mode
Full
150
200
280
mV
Output Offset Voltage (VOS), Reduced Swing Mode
Full
1.15
1.25
1.35
V
1 Pull up.
2 Pull down.


Similar Part No. - AD9600ABCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9600ABCPZ-125 AD-AD9600ABCPZ-125 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
More results

Similar Description - AD9600ABCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9760 AD-AD9760_15 Datasheet
413Kb / 23P
   10-Bit, 125 MSPS
REV. B
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com