Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9600BCPZ-125 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9600BCPZ-125
Description  10-Bit, 105 MSPS/125 MSPS/150 MSPS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9600BCPZ-125 Datasheet(HTML) 4 Page - Analog Devices

  AD9600BCPZ-125 Datasheet HTML 1Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 2Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 3Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 4Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 5Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 6Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
AD9600
Rev. B | Page 4 of 72
GENERAL DESCRIPTION
The AD9600 is a dual, 10-bit, 105 MSPS/125 MSPS/150 MSPS
ADC. It is designed to support communications applications
where low cost, small size, and versatility are desired.
The dual ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth, differential sample-and-hold
analog input amplifiers supporting a variety of user-selectable
input ranges. An integrated voltage reference eases design
considerations. A duty cycle stabilizer is provided to compen-
sate for variations in the ADC clock duty cycle, allowing the
converters to maintain excellent performance.
The AD9600 has several functions that simplify the automated
gain control (AGC) function in a communications receiver. For
example, the fast detect feature allows fast overrange detection
by outputting four bits of input level information with very
short latency.
In addition, the programmable threshold detector allows moni-
toring the amplitude of the incoming signal with short latency,
using the four fast detect bits of the ADC. If the input signal level
exceeds the programmable threshold, the fine upper threshold
indicator goes high. Because this threshold is set from the four
MSBs, the user can quickly adjust the system gain to avoid an
overrange condition.
Another AGC-related function of the AD9600 is the signal
monitor. This block allows the user to monitor the composite
magnitude of the incoming signal, which aids in setting the gain
to optimize the dynamic range of the overall system.
The ADC output data can be routed directly to the two external
10-bit output ports. These outputs can be set from 1.8 V to 3.3 V
CMOS or 1.8 V LVDS. In addition, flexible power-down options
allow significant power savings.


Similar Part No. - AD9600BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9600BCPZ-125 AD-AD9600BCPZ-125 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
More results

Similar Description - AD9600BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9760 AD-AD9760_15 Datasheet
413Kb / 23P
   10-Bit, 125 MSPS
REV. B
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com