Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9847AKSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9847AKSTZ
Description  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9847AKSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9847AKSTZ Datasheet HTML 7Page - Analog Devices AD9847AKSTZ Datasheet HTML 8Page - Analog Devices AD9847AKSTZ Datasheet HTML 9Page - Analog Devices AD9847AKSTZ Datasheet HTML 10Page - Analog Devices AD9847AKSTZ Datasheet HTML 11Page - Analog Devices AD9847AKSTZ Datasheet HTML 12Page - Analog Devices AD9847AKSTZ Datasheet HTML 13Page - Analog Devices AD9847AKSTZ Datasheet HTML 14Page - Analog Devices AD9847AKSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REV. A
AD9847
–11–
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
CLPDM # Bits 146
64
[0]
1
01
clpdmdir
CLPDM Internal/External (0 = Internal, 1 = External)
65
[0]
1
00
clpdmpol
CLPDM External Active Polarity (0 = Low Active, 1 = High Active)
66
[0]
1
01
clpdmspol0
Sequence #0: Start Polarity for CLPDM
67
[5:0]
6
2C
clpdmtog1_0[5:0]
Sequence #0: Toggle Position 1 for CLPDM
68
[5:0]
6
00
clpdmtog1_0[11:6]
69
[5:0]
6
35
clpdmtog2_0[5:0]
Sequence #0: Toggle Position 2 for CLPDM
6A
[5:0]
6
00
clpdmtog2_0[11:6]
6B
[0]
1
01
clpdmspol1
Sequence #1: Start Polarity for CLPDM
6C
[5:0]
6
3E
clpdmtog1_1[5:0]
Sequence #1: Toggle Position 1 for CLPDM
6D
[5:0]
6
02
clpdmtog1_1[11:6]
6E
[5:0]
6
16
clpdmtog2_1[5:0]
Sequence #1: Toggle Position 2 for CLPDM
6F
[5:0]
6
03
clpdmtog2_1[11:6]
70
[0]
1
00
clpdmspol2
Sequence #2: Start Polarity for CLPDM
71
[5:0]
6
3F
clpdmtog1_2[5:0]
Sequence #2: Toggle Position 1 for CLPDM
72
[5:0]
6
3F
clpdmtog1_2[11:6]
73
[5:0]
6
3F
clpdmtog2_2[5:0]
Sequence #2: Toggle Position 2 for CLPDM
74
[5:0]
6
3F
clpdmtog2_2[11:6]
75
[0]
1
01
clpdmspol3
Sequence #3: Start Polarity for CLPDM
76
[5:0]
6
3F
clpdmtog1_3[5:0]
Sequence #3: Toggle Position 1 for CLPDM
77
[5:0]
6
3F
clpdmtog1_3[11:6]
78
[5:0]
6
3F
clpdmtog2_3[5:0]
Sequence #3: Toggle Position 2 for CLPDM
79
[5:0]
6
3F
clpdmtog2_3[11:6]
000
clpdmscp0
CLPDM Sequence-Change-Position #0 (Hardcoded to 0)
7A
[1:0]
2
00
clpdmsptr0
CLPDM Sequence Pointer for SCP #0
7B
[5:0]
6
3F
clpdmscp1[5:0]
CLPDM Sequence-Change-Position #1
7C
[5:0]
6
3F
clpdmscp1[11:6]
7D
[1:0]
2
00
clpdmsptr1
CLPDM Sequence Pointer for SCP #1
7E
[5:0]
6
3F
clpdmscp2[5:0]
CLPDM Sequence-Change-Position #2
7F
[5:0]
6
3F
clpdmscp2[11:6]
80
[1:0]
2
00
clpdmsptr2
CLPDM Sequence Pointer for SCP #2
81
[5:0]
6
3F
clpdmscp3[5:0]
CLPDM Sequence-Change-Position #3
82
[5:0]
6
3F
clpdmscp3[11:6]
83
[1:0]
2
00
clpdmsptr3
CLPDM Sequence Pointer for SCP #3


Similar Part No. - AD9847AKSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9847AKST AD-AD9847AKST Datasheet
428Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
More results

Similar Description - AD9847AKSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9847 AD-AD9847_15 Datasheet
521Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847 AD-AD9847 Datasheet
428Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847AKCPZRL AD-AD9847AKCPZRL Datasheet
521Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
   6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com