Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9850BRSZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9850BRSZ
Description  CMOS, 125 MHz Complete DDS Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9850BRSZ Datasheet(HTML) 2 Page - Analog Devices

  AD9850BRSZ Datasheet HTML 1Page - Analog Devices AD9850BRSZ Datasheet HTML 2Page - Analog Devices AD9850BRSZ Datasheet HTML 3Page - Analog Devices AD9850BRSZ Datasheet HTML 4Page - Analog Devices AD9850BRSZ Datasheet HTML 5Page - Analog Devices AD9850BRSZ Datasheet HTML 6Page - Analog Devices AD9850BRSZ Datasheet HTML 7Page - Analog Devices AD9850BRSZ Datasheet HTML 8Page - Analog Devices AD9850BRSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD9850BRS
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLOCK INPUT CHARACTERISTICS
Frequency Range
5 V Supply
Full
IV
1
125
MHz
3.3 V Supply
Full
IV
1
110
MHz
Pulse Width High/Low
5 V Supply
25
°CIV
3.2
ns
3.3 V Supply
25
°CIV
4.1
ns
DAC OUTPUT CHARACTERISTICS
Full-Scale Output Current
RSET = 3.9 k
25
°CV
10.24
mA
RSET = 1.95 k
25
°CV
20.48
mA
Gain Error
25
°CI
–10
+10
% FS
Gain Temperature Coefficient
Full
V
150
ppm/
°C
Output Offset
25
°CI
10
µA
Output Offset Temperature Coefficient
Full
V
50
nA/
°C
Differential Nonlinearity
25
°CI
0.5
0.75
LSB
Integral Nonlinearity
25
°CI
0.5
1
LSB
Output Slew Rate (50
Ω, 2 pF Load)
25
°CV
400
V/
µs
Output Impedance
25
°CIV
50
120
k
Output Capacitance
25
°CIV
8
pF
Voltage Compliance
25
°CI
1.5
V
Spurious-Free Dynamic Range (SFDR)
Wideband (Nyquist Bandwidth)
1 MHz Analog Out
25
°CIV
63
72
dBc
20 MHz Analog Out
25
°CIV
50
58
dBc
40 MHz Analog Out
25
°CIV
46
54
dBc
Narrowband
40.13579 MHz
± 50 kHz
25
°CIV
80
dBc
40.13579 MHz
± 200 kHz
25
°CIV
77
dBc
4.513579 MHz
± 50 kHz/20.5 MHz CLK
25
°CIV
84
dBc
4.513579 MHz
± 200 kHz/20.5 MHz CLK
25
°CIV
84
dBc
COMPARATOR INPUT CHARACTERISTICS
Input Capacitance
25
°CV
3
pF
Input Resistance
25
°CIV
500
k
Input Current
25
°CI
–12
+12
µA
Input Voltage Range
25
°CIV
0
VDD
V
Comparator Offset
*
Full
VI
30
30
mV
COMPARATOR OUTPUT CHARACTERISTICS
Logic 1 Voltage 5 V Supply
Full
VI
4.8
V
Logic 1 Voltage 3.3 V Supply
Full
VI
3.1
V
Logic 0 Voltage
Full
VI
0.4
V
Propagation Delay, 5 V Supply (15 pF Load)
25
°CV
5.5
ns
Propagation Delay, 3.3 V Supply (15 pF Load)
25
°CV
7
ns
Rise/Fall Time, 5 V Supply (15 pF Load)
25
°CV
3
ns
Rise/Fall Time, 3.3 V Supply (15 pF Load)
25
°CV
3.5
ns
Output Jitter (p-p)
25
°CV
80
ps
CLOCK OUTPUT CHARACTERISTICS
Clock Output Duty Cycle (Clk Gen. Config.)
25
°CIV
50
± 10
%
REV. H
–2–
(VS = 5 V
5% except as noted, RSET = 3.9 k )
AD9850–SPECIFICATIONS


Similar Part No. - AD9850BRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9850BRS AD-AD9850BRS Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
More results

Similar Description - AD9850BRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9854 AD-AD9854 Datasheet
433Kb / 44P
   CMOS 300 MHz Quadrature Complete-DDS
REV. 0
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
   CMOS Complete DDS
REV. A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
   CMOS Complete DDS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com