Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSQC4911C Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MSQC4911C
Description  0.4 inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MSQC4911C Datasheet(HTML) 7 Page - Fairchild Semiconductor

  MSQC4911C Datasheet HTML 1Page - Fairchild Semiconductor MSQC4911C Datasheet HTML 2Page - Fairchild Semiconductor MSQC4911C Datasheet HTML 3Page - Fairchild Semiconductor MSQC4911C Datasheet HTML 4Page - Fairchild Semiconductor MSQC4911C Datasheet HTML 5Page - Fairchild Semiconductor MSQC4911C Datasheet HTML 6Page - Fairchild Semiconductor MSQC4911C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and (c) whose failure to perform
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to
result in a significant injury of the user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
7/22/02
Page 7 of 7
© 2002 Fairchild Semiconductor Corporation
0.4 inch (10.2mm) 4 Digit
CLOCK STICK DISPLAY
Bright Red MSQC4111C
High Efficiency MSQC4911C
Green MSQC4411C


Similar Part No. - MSQC4911C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC4H11C FAIRCHILD-MSQC4H11C Datasheet
148Kb / 4P
   0.4 Inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
MSQC4R11C FAIRCHILD-MSQC4R11C Datasheet
148Kb / 4P
   0.4 Inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
MSQC4Y11C FAIRCHILD-MSQC4Y11C Datasheet
148Kb / 4P
   0.4 Inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
More results

Similar Description - MSQC4911C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC4H11C FAIRCHILD-MSQC4H11C Datasheet
148Kb / 4P
   0.4 Inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
MST4111C FAIRCHILD-MST4111C Datasheet
280Kb / 7P
   0.4 INCH (10.2MM) THREE DIGIT STICK DISPLAY
MSD4110C FAIRCHILD-MSD4110C Datasheet
272Kb / 7P
   0.4 INCH (10.1MM) TWO DIGIT STICK DISPLAY
logo
SunLED Corporation
DMR10A3-A SUNLED-DMR10A3-A Datasheet
191Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DUR10C3-A SUNLED-DUR10C3-A Datasheet
193Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUY10A3 SUNLED-DUY10A3 Datasheet
192Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10C3-A SUNLED-DUG10C3-A Datasheet
193Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DUY10C3-A SUNLED-DUY10C3-A Datasheet
195Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUY10A3-A SUNLED-DUY10A3-A Datasheet
194Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10A3 SUNLED-DUG10A3 Datasheet
190Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com