Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1720-3.3-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1720-3.3-EVALZ
Description  50 mA, High Voltage, Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720-3.3-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1720-3.3-EVALZ Datasheet HTML 4Page - Analog Devices ADP1720-3.3-EVALZ Datasheet HTML 5Page - Analog Devices ADP1720-3.3-EVALZ Datasheet HTML 6Page - Analog Devices ADP1720-3.3-EVALZ Datasheet HTML 7Page - Analog Devices ADP1720-3.3-EVALZ Datasheet HTML 8Page - Analog Devices ADP1720-3.3-EVALZ Datasheet HTML 9Page - Analog Devices ADP1720-3.3-EVALZ Datasheet HTML 10Page - Analog Devices ADP1720-3.3-EVALZ Datasheet HTML 11Page - Analog Devices ADP1720-3.3-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP1720
Rev. A | Page 8 of 16
0
300
11
ILOAD (mA)
00
10
250
200
150
100
50
4.60
4.9
5.4
VIN (V)
Figure 11. Dropout Voltage vs. Load Current
5.05
5.00
4.95
4.90
4.85
4.80
4.75
4.70
4.65
5.0
5.1
5.2
5.3
ILOAD = 50mA
ILOAD = 25mA
ILOAD = 10mA
ILOAD = 1mA
Figure 12. Output Voltage vs. Input Voltage (in Dropout)
3.5
0
4.9
5.4
VIN (V)
3.0
2.5
2.0
1.5
1.0
0.5
5.0
5.1
5.2
5.3
ILOAD =
50mA
ILOAD =
25mA
ILOAD =
10mA
ILOAD =
1mA
Figure 13. Ground Current vs. Input Voltage (in Dropout)
0
–100
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
–90
100µA
10mA
1mA
VIN = 8V
VOUT = 1.6V
COUT = 1µF
VRIPPLE = 50mV
Figure 14. Power Supply Rejection Ratio vs. Frequency
(1.6 V Adjustable Output)


Similar Part No. - ADP1720-3.3-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
373Kb / 5P
   USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
418Kb / 5P
   Devices Connected
More results

Similar Description - ADP1720-3.3-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
logo
ON Semiconductor
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79801-Q1 TI1-TPS79801-Q1_17 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com