Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3072EYRZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3072EYRZ
Description  3.3 V, 15,-15 kV ESD-Protected
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3072EYRZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3072EYRZ Datasheet HTML 6Page - Analog Devices ADM3072EYRZ Datasheet HTML 7Page - Analog Devices ADM3072EYRZ Datasheet HTML 8Page - Analog Devices ADM3072EYRZ Datasheet HTML 9Page - Analog Devices ADM3072EYRZ Datasheet HTML 10Page - Analog Devices ADM3072EYRZ Datasheet HTML 11Page - Analog Devices ADM3072EYRZ Datasheet HTML 12Page - Analog Devices ADM3072EYRZ Datasheet HTML 13Page - Analog Devices ADM3072EYRZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 10 of 20
TEST CIRCUITS AND SWITCHING CHARACTERISTICS
VOC
RL/2
RL/2
Z
Y
VOD
Figure 7. Driver DC Test Load
DI
DE
Y
Z
3V
CL
RL
VOD
Figure 8. Driver Timing Test Circuit
VCC
tDPLH
tDR
tDF
tDPHL
0V
VCC/2
1/2VO
1/2VO
DI
Z
Y
VO
+VO
–VO
VDIFF
10%
90%
90%
10%
VDIFF = V (Y) – V (Z)
tDSKEW = |tDPLH tDPHL|
0V
Figure 9. Driver Propagation Delays
OUT
S1
0V OR 3V
GENERATOR
RL
500Ω
50Ω
DE
OUT
CL
50pF
+
tDZH, tDZH(SHDN)
VOM = (0 + VOH)/2
tDHZ
VCC/2
0.25V
VCC
0V
VOH
0V
D
Figure 10. Driver Enable and Disable Times (tDHZ, tDZH, tDZH(SHDN))
OUT
S1
VCC
0V OR 3V
GENERATOR
RL
500Ω
50Ω
DE
OUT
CL
50pF
+
tDZL, tDZL(SHDN)
VOM = (VOL + VCC)/2
tDLZ
VCC/2
0.25V
VCC
VCC
0V
VOL
D
Figure 11. Driver Enable and Disable Times (tDZL, tDLZ, tDZL(SHDN))
VID
ATE
B
R
RECEIVER
OUTPUT
A
Figure 12. Receiver Propagation Delay Test Circuit
NOTES
1. THE RISE TIME AND FALL TIME OF INPUT A AND INPUT B < 4ns.
A
B
RO
VOL
VOH
1.5V
+1V
–1V
tRPHL
tRPLH
Figure 13. Receiver Propagation Delays


Similar Part No. - ADM3072EYRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3072EYRZ AD-ADM3072EYRZ Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3072EYRZ AD-ADM3072EYRZ Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3072EYRZ-REEL7 AD-ADM3072EYRZ-REEL7 Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3072EYRZ-REEL7 AD-ADM3072EYRZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

Similar Description - ADM3072EYRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com