Electronic Components Datasheet Search |
|
ADM3073EYRZ Datasheet(PDF) 4 Page - Analog Devices |
|
ADM3073EYRZ Datasheet(HTML) 4 Page - Analog Devices |
4 / 20 page ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E Rev. E | Page 4 of 20 SPECIFICATIONS VCC = 3.3 V ± 10%, TA = TMIN to TMAX, unless otherwise noted. Table 2. ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E Parameter Symbol Min Typ Max Unit Test Conditions/Comments DRIVER Differential Outputs Differential Output Voltage VOD 2.0 VCC V RL = 100 Ω (RS-422) (see Figure 7) 1.5 VCC V RL = 54 Ω (RS-485) (see Figure 7) VCC V No load Δ|VOD| for Complementary Output States1 ΔVOD 0.2 V RL = 54 Ω or 100 Ω (see Figure 7) Common-Mode Output Voltage VOC VCC/2 3 V RL = 54 Ω or 100 Ω (see Figure 7) Δ|VOC| for Complementary Output States1 ΔVOC 0.2 V RL = 54 Ω or 100 Ω (see Figure 7) Short-Circuit Output Current IOSD 40 250 mA 0 V < VOUT < 12 V −250 −40 mA −7 V < VOUT < VCC Short-Circuit Foldback Output Current IOSDF 20 mA (VCC − 1 V) < VOUT < 12 V −20 mA −7 V < VOUT < +1 V Output Leakage (Y, Z) Full Duplex IO 125 μA DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V, VIN = 12 V −100 μA DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V, VIN = −7 V Logic Inputs Input High Voltage VIH 2.0 V DE, DI, RE Input Low Voltage VIL 0.8 V DE, DI, RE Input Hysteresis VHYS 100 mV DE, DI, RE Logic Input Current IIN ±1 μA DE, DI, RE Input Impedance First Transition 1 10 kΩ DE Thermal Shutdown Threshold TTS 175 °C Thermal Shutdown Hysteresis TTSH 15 °C RECEIVER Differential Inputs Differential Input Threshold Voltage VTH −200 −125 −50 mV −7 V < VCM < +12 V Input Hysteresis ΔVTH 15 mV VA + VB = 0 V Input Resistance (A, B) RIN 96 kΩ −7 V < VCM < +12 V Input Current (A, B) IA, IB 125 μA DE = 0 V, VCC = 0 V or 3.6 V, VIN = 12 V −100 μA DE = 0 V, VCC = 0 V or 3.6 V, VIN = −7 V RO Logic Output Output High Voltage VOH VCC − 0.6 V IOUT = −1 mA Output Low Voltage VOL 0.4 V IOUT = 1 mA Short-Circuit Output Current IOSR ±80 mA 0 V < VRO < VCC Tristate Output Leakage Current IOZR ±1 μA VCC = 3.6 V, 0 V < VOUT < VCC POWER SUPPLY Supply Current ICC 0.8 1.5 mA No load, DE = VCC, RE = 0 V 0.8 1.5 mA No load, DE = VCC, RE = VCC 0.8 1.5 mA No load, DE = 0 V, RE = 0 V Shutdown Current ISHDN 0.05 10 μA DE = 0 V, RE = VCC ESD PROTECTION A, B, Y, Z Pins ±15 kV Human body model All Pins Except A, B, Y, Z Pins ±4 kV Human body model 1 Δ|VOD| and Δ|VOC| are the changes in VOD and VOC, respectively, when the DI input changes state. |
Similar Part No. - ADM3073EYRZ |
|
Similar Description - ADM3073EYRZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |