Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC812BSZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADUC812BSZ-REEL
Description  MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC812BSZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUC812BSZ-REEL Datasheet HTML 3Page - Analog Devices ADUC812BSZ-REEL Datasheet HTML 4Page - Analog Devices ADUC812BSZ-REEL Datasheet HTML 5Page - Analog Devices ADUC812BSZ-REEL Datasheet HTML 6Page - Analog Devices ADUC812BSZ-REEL Datasheet HTML 7Page - Analog Devices ADUC812BSZ-REEL Datasheet HTML 8Page - Analog Devices ADUC812BSZ-REEL Datasheet HTML 9Page - Analog Devices ADUC812BSZ-REEL Datasheet HTML 10Page - Analog Devices ADUC812BSZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
REV.
ADuC812
–7–
PIN FUNCTION DESCRIPTIONS
Mnemonic
Type
Function
DVDD
P
Digital Positive Supply Voltage, 3 V or 5 V Nominal.
AVDD
P
Analog Positive Supply Voltage, 3 V or 5 V Nominal.
CREF
I
Decoupling Input for On-Chip Reference. Connect 0.1 μF between this pin and AGND.
VREF
I/O
Reference Input/Output. This pin is connected to the internal reference through a series resistor and is the
reference source for the ADC. The nominal internal reference voltage is 2.5 V, which appears at the pin.
This pin can be overdriven by an external reference.
AGND
G
Analog Ground. Ground reference point for the analog circuitry.
P1.0–P1.7
I
Port 1 is an 8-bit input port only. Unlike other ports, Port 1 defaults to Analog Input mode. To configure
any of these Port Pins as a digital input, write a 0 to the port bit. Port 1 pins are multifunctional and share
the following functionality.
ADC0–ADC7
I
Analog Inputs. Eight single-ended analog inputs. Channel selection is via ADCCON2 SFR.
T2
I
Timer 2 Digital Input. Input to Timer/Counter 2. When enabled, Counter 2 is incremented in response to a
1 to 0 transition of the T2 input.
T2EX
I
Digital Input. Capture/Reload trigger for Counter 2; also functions as an Up/Down control input for
Counter 2.
SS
I
Slave Select Input for the SPI Interface.
SDATA
I/O
User selectable, I
2C Compatible or SPI Data Input/Output Pin.
SCLOCK
I/O
Serial Clock Pin for I
2C Compatible or SPI Serial Interface Clock.
MOSI
I/O
SPI Master Output/Slave Input Data I/O Pin for SPI Interface.
MISO
I/O
SPI Master Input/Slave Output Data I/O Pin for SPI Serial Interface.
DAC0
O
Voltage Output from DAC0.
DAC1
O
Voltage Output from DAC1.
RESET
I
Digital Input. A high level on this pin for 24 master clock cycles while the oscillator is running resets the
device. External power-on reset (POR) circuity must be implemented to drive the RESET pin as described
in the Power-On Reset Operation section.
P3.0–P3.7
I/O
Port 3 is a bidirectional port with internal pull-up resistors. Port 3 pins that have 1s written to them are
pulled high by the internal pull-up resistors; in that state they can be used as inputs. As inputs, Port 3 pins
being pulled externally low will source current because of the internal pull-up resistors. Port 3 pins also
contain various secondary functions that are described below.
RxD
I/O
Receiver Data Input (Asynchronous) or Data Input/Output (Synchronous) of Serial (UART) Port
TxD
O
Transmitter Data Output (Asynchronous) or Clock Output (Synchronous) of Serial (UART) Port
INT0
I
Interrupt 0, programmable edge or level triggered Interrupt input,
INT0 can be programmed to one of two
priority levels. This pin can also be used as a gate control input to Timer 0.
INT1
I
Interrupt 1, programmable edge or level triggered Interrupt input,
INT1 can be programmed to one of two
priority levels. This pin can also be used as a gate control input to Timer 1.
T0
I
Timer/Counter 0 Input.
T1
I
Timer/Counter 1 Input.
CONVST
I
Active Low Convert Start Logic Input for the ADC Block when the External Convert Start Function is Enabled.
A low-to-high transition on this input puts the track-and-hold into its hold mode and starts conversion.
WR
O
Write Control Signal, Logic Output. Latches the data byte from Port 0 into the external data memory.
RD
O
Read Control Signal, Logic Output. Enables the external data memory to Port 0.
XTAL2
O
Output of the Inverting Oscillator Amplifier.
XTAL1
I
Input to the Inverting Oscillator Amplifier and to the Internal Clock Generator Circuits.
DGND
G
Digital Ground. Ground reference point for the digital circuitry.
P2.0–P2.7
I/O
Port 2 is a bidirectional port with internal pull-up resistors. Port 2 pins that have 1s written to them are
(A8–A15)
pulled high by the internal pull-up resistors; in that state they can be used as inputs. As inputs, Port 2
(A16–A23)
pins being pulled externally low will source current because of the internal pull-up resistors. Port 2 emits the
high order address bytes during fetches from external program memory and middle and high order address
bytes during accesses to the external 24-bit external data memory space.
F


Similar Part No. - ADUC812BSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812BS AD-ADUC812BS Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BS AD-ADUC812BS Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
More results

Similar Description - ADUC812BSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com