Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP367 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP367
Description  Battery Charge Front-End Protection, USB and AC/DC Supply Compliant
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP367 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP367 Datasheet HTML 1Page - ON Semiconductor NCP367 Datasheet HTML 2Page - ON Semiconductor NCP367 Datasheet HTML 3Page - ON Semiconductor NCP367 Datasheet HTML 4Page - ON Semiconductor NCP367 Datasheet HTML 5Page - ON Semiconductor NCP367 Datasheet HTML 6Page - ON Semiconductor NCP367 Datasheet HTML 7Page - ON Semiconductor NCP367 Datasheet HTML 8Page - ON Semiconductor NCP367 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 10
1
Publication Order Number:
NCP367/D
NCP367
Battery Charge Front-End
Protection, USB and AC/DC
Supply Compliant
NCP367 is a charge path protection device which allows
disconnecting the systems from its output pin in case wrong charging
conditions are detected. The system is positive overvoltage protected
up to +30 V. Thanks to a very low current consumption, the USB
charge is compatible with this integrated component.
This device uses internal PMOS FET, making external devices
unnecessary, which reduces the system cost and PCB area of the
application board. First, NCP367 is able to instantaneously
disconnect the output from the input if the input voltage exceeds the
overvoltage threshold. Additional overcurrent protection function
allows turning off internal PMOS FET when the charge current
exceeds current limit, which is externally selectable.
The current limit value can be modified with control logic pin to
divide it by internal gain, allowing USB 100 mA/500 mA charging or
USB/Wall adapter charging up to overcurrent threshold. At the same
time, Li ion Battery voltage is continuously monitored, providing
more safety during the charge. Thermal shutdown protection is also
available.
NCP367 provides a negative going flag (FLAG) output, which
alerts the system that a fault has occurred as overvoltage (power
supply or battery voltage), overcurrent or thermal event.
In addition, the device has ESD−protected input (15 kV Air) when
bypassed with a 1
mF or larger capacitor.
Features
Overvoltage Protection Up to + 30 V
Fast Turn Off Time
Very Low Current Consumption/USB Compliant
Li ion Battery Voltage Monitoring
Overvoltage Lockout (OVLO)
Undervoltage Lockout (UVLO)
Overcurrent Protection Externally Adjustable (OCP) up to 2.8 A
Thermal Shutdown
Shutdown EN and Gain Input Pins
Soft−Start to Eliminate Inrush Current
Alert FLAG Output
Compliance to IEC61000−4−2 (Level 4)
8 kV (Contact), 15 kV (Air)
ESD Ratings: Machine Model = B
ESD Ratings: Human Body Model = 2
8 Lead DFN 2.2x2 mm Package
These are Pb−Free Devices
Typical Application
USB Devices
Mobile Phones
Peripheral
Personal Digital Applications
MP3 Players
http://onsemi.com
Q
MARKING DIAGRAM
XX = Specific Device Code
M
= Date Code
G
= Pb−Free Device
XX MG
G
1
DFN8
MU SUFFIX
CASE 506BP
(*Note: Microdot may be in either location)
PIN ASSIGNMENT
IN
VBAT
NC
ILIM
EN
GS
FLAG
GND
1
2
3
4
8
7
6
5
(Top View)
OUT
1
8
See detailed ordering, marking and shipping information in the
package dimensions section on page 12 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP367

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP367 ONSEMI-NCP367 Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
NCP367DPMEBTBG ONSEMI-NCP367DPMEBTBG Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
NCP367DPMUECTBG ONSEMI-NCP367DPMUECTBG Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
NCP367DPMUEETBG ONSEMI-NCP367DPMUEETBG Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
NCP367DPMUELTBG ONSEMI-NCP367DPMUELTBG Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
More results

Similar Description - NCP367

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP367 ONSEMI-NCP367_15 Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
logo
Shenzhen Huazhimei Semi...
HM9519 HMSEMI-HM9519 Datasheet
3Mb / 12P
   Battery Charge Front-End Full Protection
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
D1U4CS MURATA-PS-D1U4CS Datasheet
202Kb / 6P
   AC/DC Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com