Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSR860 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MSR860
Description  SOFT RECOVERY POWER RECTIFIER 8.0 AMPERES 600 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSR860 Datasheet(HTML) 2 Page - Motorola, Inc

  MSR860 Datasheet HTML 1Page - Motorola, Inc MSR860 Datasheet HTML 2Page - Motorola, Inc MSR860 Datasheet HTML 3Page - Motorola, Inc MSR860 Datasheet HTML 4Page - Motorola, Inc MSR860 Datasheet HTML 5Page - Motorola, Inc MSR860 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSR860
2
Motorola Rectifier Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (°C)
Figure 3. Current Derating, Case
TA, AMBIENT TEMPERATURE (°C)
Figure 4. Current Derating, Ambient
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Power Dissipation
100
10
600
400
300
200
100
100
10
1.0
1.9
1.3
0.9
0.5
1.0
160
120
40
0
2.0
4.0
6.0
14
0
160
120
40
0
3.0
2.5
2.0
1.5
1.0
0.5
0
14
8.0
4.0
0
16
14
12
10
2.0
0
500
0.1
10
8.0
12
4.0
6.0
8.0
TJ = 150°C
100
°C
25
°C
RATED VR APPLIED
80
dc
SQUARE WAVE
80
RATED VR APPLIED
dc
SQUARE WAVE
6.0
2.0
12
10
TJ = 150°C
dc
SQUARE WAVE
1.7
1.1
0.7
1.5
TJ = 150°C
100
°C
25
°C
125
°C


Similar Part No. - MSR860

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSR860 ONSEMI-MSR860 Datasheet
64Kb / 5P
   SWITCHMODE Soft Recovery Power Rectifier
February, 2006 ??Rev. 3
MSR860 ONSEMI-MSR860 Datasheet
121Kb / 6P
   SWITCHMODE Soft Recovery Power Rectifiers
June, 2008 ??Rev. 5
logo
Motorola, Inc
MSR860 MOTOROLA-MSR860 Datasheet
149Kb / 8P
   Design Considerations for Clamping Networks for Very High Voltage Monolithic Off-line PWM Controllers
logo
ON Semiconductor
MSR860G ONSEMI-MSR860G Datasheet
64Kb / 5P
   SWITCHMODE Soft Recovery Power Rectifier
February, 2006 ??Rev. 3
MSR860G ONSEMI-MSR860G Datasheet
121Kb / 6P
   SWITCHMODE Soft Recovery Power Rectifiers
June, 2008 ??Rev. 5
More results

Similar Description - MSR860

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSRB8601 MOTOROLA-MSRB8601 Datasheet
143Kb / 6P
   SOFT RECOVERY POWER RECTIFIER 8.0 AMPERES 600 VOLTS
logo
ON Semiconductor
MURH860CT ONSEMI-MURH860CT_06 Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT_06 Datasheet
88Kb / 3P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
MURHF860CT MOTOROLA-MURHF860CT Datasheet
50Kb / 2P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
logo
Pan Jit International I...
ED802CT PANJIT-ED802CT Datasheet
36Kb / 2P
   SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 8.0 Amperes)
logo
Rectron Semiconductor
HER806 RECTRON-HER806 Datasheet
79Kb / 5P
   HIGH EFFICIENCY RECTIFIER VOLTAGE 600 Volts CURRENT 8.0 Amperes
HER806S RECTRON-HER806S Datasheet
95Kb / 5P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 8.0 Amperes
logo
Motorola, Inc
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com