Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP497FPZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP497FPZ
Description  Precision Picoampere Input Current Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497FPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP497FPZ Datasheet HTML 4Page - Analog Devices OP497FPZ Datasheet HTML 5Page - Analog Devices OP497FPZ Datasheet HTML 6Page - Analog Devices OP497FPZ Datasheet HTML 7Page - Analog Devices OP497FPZ Datasheet HTML 8Page - Analog Devices OP497FPZ Datasheet HTML 9Page - Analog Devices OP497FPZ Datasheet HTML 10Page - Analog Devices OP497FPZ Datasheet HTML 11Page - Analog Devices OP497FPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP497
Rev. E | Page 8 of 16
SUPPLY VOLTAGE (V)
+VS
–0.5
–1.0
–1.5
1.5
1.0
0.5
–VS
0±5
±10
±15
±
TA = 25°C
20
Figure 23. Input Common-Mode Voltage Range vs. Supply Voltage
35
0
10k
15
5
100
10
10
30
20
25
1k
LOAD RESISTANCE (
Ω)
VS = ±15V
TA = 25°C
AVCL = +1
1% THD
fO = 1kHz
Figure 24. Maximum Output Swing vs. Load Resistance
SUPPLY VOLTAGE (V)
+VS
–0.5
–1.0
–1.5
1.5
1.0
0.5
–VS
0±5
±10
±15
±20
TA = 25°C
RL = 10kΩ
Figure 25. Output Voltage Swing vs. Supply Voltage
SUPPLY VOLTAGE (V)
700
200
0
±5
±10
±15
±20
600
500
400
300
NO LOAD
25°C
125°C
Figure 26. Supply Current (per Amplifier) vs. Supply Voltage
1k
0.001
100k
1
0.01
10
0.1
1
100
10
10k
1k
100
VS = ±15V
TA = 25°C
AV = +1
FREQUENCY (Hz)
Figure 27. Closed-Loop Output Impedance vs. Frequency
35
–35
4
–20
–30
1
–25
0
15
–15
20
25
30
3
2
TIME FROM OUTPUT SHORT (Minutes)
TA = 25°C
TA = 125°C
TA = 25°C
VS = ±15V
OUTPUT SHORTED
TO GROUND
TA = 125°C
Figure 28. Short-Circuit Current vs. Time at Various Temperatures


Similar Part No. - OP497FPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP497FPZ AD-OP497FPZ Datasheet
283Kb / 17P
   Precision Picoampere Input Current Quad Operational Amplifier
OP497FPZ1 AD-OP497FPZ1 Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
More results

Similar Description - OP497FPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP497 AD-OP497_17 Datasheet
283Kb / 17P
   Precision Picoampere Input Current Quad Operational Amplifier
OP497 AD-OP497_15 Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
5962-9452101M2A AD-5962-9452101M2A Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP-497 AD-OP-497 Datasheet
524Kb / 12P
   PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
REV. C
OP497 AD-OP497 Datasheet
302Kb / 12P
   Precision Picoampere Input Current Quad Operational Amplifier
REV. D
OP12 AD-OP12 Datasheet
147Kb / 4P
   Precision Low-Input Current Operational Amplifier
logo
List of Unclassifed Man...
OP-08 ETC1-OP-08 Datasheet
351Kb / 7P
   PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704_15 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704 Datasheet
397Kb / 8P
   Quad Picoampere Input Current Bipolar Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com