Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5256ET1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ5256ET1G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ5256ET1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ5256ET1G Datasheet HTML 1Page - ON Semiconductor MMSZ5256ET1G Datasheet HTML 2Page - ON Semiconductor MMSZ5256ET1G Datasheet HTML 3Page - ON Semiconductor MMSZ5256ET1G Datasheet HTML 4Page - ON Semiconductor MMSZ5256ET1G Datasheet HTML 5Page - ON Semiconductor MMSZ5256ET1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSZ52xxET1G Series, SZMMSZ52xxET1G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Leakage Current
Zener Impedance (Note 6)
Zener Voltage (Notes 4 and 5)
Device
Marking
Device*
IR @ VR
ZZK @ IZK
ZZT @ IZT
@ IZT
VZ (V)
Device
Marking
Device*
V
mA
mA
W
W
mA
Max
Nom
Min
Device
Marking
MMSZ5253ET1G
CD6
23.75
25
26.25
5.0
35
600
0.25
0.1
19
MMSZ5254ET1G
CD7
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMSZ5255ET1G
CD8
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMSZ5256ET1G
CD9
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMSZ5257ET1G
CE1
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMSZ5258ET1G
CE2
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMSZ5259ET1G
CE3
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMSZ5262ET1G
CE6
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MMSZ5263ET1G
CE7
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
4. The type numbers shown have a standard tolerance of 5% on the nominal Zener voltage.
5. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30C 1C.
6. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the ac current applied.
The specified limits are for IZ(AC) = 0.1 IZ(dc) with the AC frequency = 1 kHz.
*Include SZ-prefix devices where applicable


Similar Part No. - MMSZ5256ET1G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ5256 GE-MMSZ5256 Datasheet
41Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
MMSZ5256 VISHAY-MMSZ5256 Datasheet
136Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 20-Mar-06
logo
Micro Commercial Compon...
MMSZ5256 MCC-MMSZ5256 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
logo
Vishay Siliconix
MMSZ5256 VISHAY-MMSZ5256 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
MMSZ5256 VISHAY-MMSZ5256 Datasheet
100Kb / 5P
   Small Signal Zener Diodes
Rev. 1.8, 23-Mar-12
More results

Similar Description - MMSZ5256ET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com