Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLUS3A40PZTAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLUS3A40PZTAG
Description  Power MOSFET 20 V, 9.4Cool Single P Channel ESD 2.0x2.0x0.55 mm UDFNPackage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUS3A40PZTAG Datasheet(HTML) 3 Page - ON Semiconductor

  NTLUS3A40PZTAG Datasheet HTML 1Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 2Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 3Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 4Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 5Page - ON Semiconductor NTLUS3A40PZTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLUS3A40PZ
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−VGS, GATE−TO−SOURCE VOLTAGE (V)
4.0
3.5
3.0
2.0
1.5
1.0
0.5
0
0
2
4
6
10
14
18
20
2.5
3.0
2.0
1.5
1.0
0.5
0
0
2
4
8
10
12
18
20
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−VGS, GATE VOLTAGE (V)
−ID, DRAIN CURRENT (A)
4.0
3.5
4.5
3.0
2.5
2.0
1.5
1.0
0.00
0.02
0.04
0.06
0.08
0.12
0.14
0.16
16
14
12
8
6
4
2
0
0.020
0.030
0.040
0.060
0.070
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
125
100
75
50
25
0
−25
−50
0.7
0.8
0.9
1.1
1.2
1.3
1.4
1.6
20
14
10
6
2
100
1000
10,000
100,000
2.5
4.5
8
12
16
VGS = −4.5 V
−4.0 V
−3.5 V
−3.0 V
−2.5 V
−2.0 V
−1.8 V
−1.6 V
VDS ≤ −10 V
6
14
16
TJ = 25°C
TJ = −55°C
TJ = 125°C
0.10
ID = −4.0 A
TJ = 25°C
10
18
20
0.050
−1.5 V
TJ = 25°C
−1.8 V
−2.5 V
VGS = −4.5 V
VGS = −4.5 V
ID = −4.0 A
150
1.0
1.5
TJ = 85°C
TJ = 125°C
0.18
0.20
0.080
18
12
8
416


Similar Part No. - NTLUS3A40PZTAG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTLUS3A40PZTAG VBSEMI-NTLUS3A40PZTAG Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTLUS3A40PZTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS7D2P02P8Z ONSEMI-NTLJS7D2P02P8Z Datasheet
328Kb / 6P
   MOSFET - Power, Single P-Channel, WDFN6 -20 V
August, 2020-Rev.0
NTLUS3A18PZ ONSEMI-NTLUS3A18PZ Datasheet
153Kb / 6P
   ??0 V, ??.2 A, Single P?묬hannel, 2.0x2.0x0.55 mm Cool UDFN Package
July, 2012 ??Rev. 3
logo
Will Semiconductor Ltd.
WPM1480 WILLSEMI-WPM1480 Datasheet
507Kb / 6P
   Single P-Channel, -20 V, -1.5 A,Power Mosfet
logo
Nexperia B.V. All right...
PMN27XPE NEXPERIA-PMN27XPE Datasheet
323Kb / 14P
   20 V, single P-channel Trench MOSFET
PMN42XPE NEXPERIA-PMN42XPE Datasheet
710Kb / 14P
   20 V, single P-channel Trench MOSFET
PMZB350UPE NEXPERIA-PMZB350UPE Datasheet
701Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMZB670UPE NEXPERIA-PMZB670UPE Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 3 - 23 March 2012
logo
NXP Semiconductors
PMPB33XP NXP-PMPB33XP Datasheet
251Kb / 14P
   20 V, single P-channel Trench MOSFET
5 September 2012
PMN40UPE PHILIPS-PMN40UPE_15 Datasheet
206Kb / 14P
   20 V, single P-channel Trench MOSFET
13 August 2012
PMZB350UPE PHILIPS-PMZB350UPE_15 Datasheet
197Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com