Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9535ECDWR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # PCA9535ECDWR2G
Description  16-bit Low-Power I/O Expander for I2C Bus withInterrupt
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535ECDWR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button PCA9535ECDWR2G Datasheet HTML 5Page - ON Semiconductor PCA9535ECDWR2G Datasheet HTML 6Page - ON Semiconductor PCA9535ECDWR2G Datasheet HTML 7Page - ON Semiconductor PCA9535ECDWR2G Datasheet HTML 8Page - ON Semiconductor PCA9535ECDWR2G Datasheet HTML 9Page - ON Semiconductor PCA9535ECDWR2G Datasheet HTML 10Page - ON Semiconductor PCA9535ECDWR2G Datasheet HTML 11Page - ON Semiconductor PCA9535ECDWR2G Datasheet HTML 12Page - ON Semiconductor PCA9535ECDWR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PCA9535E, PCA9535EC
http://onsemi.com
9
REGISTERS
Command Byte
During a write transmission, the address byte is followed
by the command byte. The command byte determines which
of the following registers will be written or read.
Table 7. COMMAND BYTE
COMMAND
REGISTER
0
Input Port 0
1
Input Port 1
2
Output Port 0
3
Output Port 1
4
Polarity Inversion Port 0
5
Polarity Inversion Port 1
6
Configuration Port 0
7
Configuration Port 1
Registers 0 and 1: Input Port Registers
These registers are input−only. They reflect the incoming
logic levels of the pins, regardless of whether the pin is
defined as an input or an output by Registers 6 or 7. Writes
to these registers have no effect.
The externally−applied logic level determines the default
value ‘X’.
Table 8. INPUT PORT 0 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
I0.0
Default
X
X
X
X
X
X
X
X
Table 9. INPUT PORT 1 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
Default
X
X
X
X
X
X
X
X
Registers 2 and 3: Output Port Registers
These registers are output−only. They reflect the outgoing
logic levels of the pins defined as outputs by Registers 6 and
7. Bit values in these registers have no effect on pins defined
as inputs. In turn, reads from these registers reflect the values
that are in the flip−flops controlling the output selection, not
the actual pin values.
Table 10. OUTPUT PORT 0 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
O0.7
O0.6
O0.5
O0.4
O0.3
O0.2
O0.1
O0.0
Default
1
1
1
1
1
1
1
1
Table 11. OUTPUT PORT 1 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
O1.7
O1.6
O1.5
O1.4
O1.3
O1.2
O1.1
O1.0
Default
1
1
1
1
1
1
1
1


Similar Part No. - PCA9535ECDWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9535ECDWR2G ONSEMI-PCA9535ECDWR2G Datasheet
180Kb / 20P
   16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
PCA9535ECDWR2G ONSEMI-PCA9535ECDWR2G Datasheet
178Kb / 20P
   16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
More results

Similar Description - PCA9535ECDWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_17 Datasheet
178Kb / 20P
   16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
logo
NXP Semiconductors
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
logo
Kinetic Technologies.
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
   Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
logo
Diodes Incorporated
PI4IOE5V6416Q DIODES-PI4IOE5V6416Q Datasheet
2Mb / 17P
   Low-Voltage Translating 16-bit I2C-bus I/O Expander
PI4IOE5V6416 DIODES-PI4IOE5V6416 Datasheet
1Mb / 19P
   Low-Voltage Translating 16-bit I2C-bus I/O Expander
September 2018
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
   8-BIT I/O EXPANDER for I2C BUS
logo
Renesas Technology Corp
M62320P RENESAS-M62320P Datasheet
148Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com