Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

306FSR300XZ5BD Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 306FSR300XZ5BD
Description  55C Radial lead Photoflash aluminum electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

306FSR300XZ5BD Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  306FSR300XZ5BD Datasheet HTML 1Page - Illinois Capacitor, Inc. 306FSR300XZ5BD Datasheet HTML 2Page - Illinois Capacitor, Inc. 306FSR300XZ5BD Datasheet HTML 3Page - Illinois Capacitor, Inc. 306FSR300XZ5BD Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
FSR
+55°C Radial lead Photoflash
aluminum electrolytic Capacitors
 Signal lights
 Emergency lights
 JIS 2365 compliant
 Board mount
 Long life
 Low leakage current
Operating Temperature
Range
-20°C to +55°C
Capacitance Tolerance
-10 to+20% at 120 Hz, 25°C
WVDC
300
330
Surge voltage
SVDC
320
350
Dissipation Factor
tan
δ
0.06
time
5 Minutes
Leakage current
@25°C, Rated WVDC
applied
1*C
5000 flashes at rated voltage applied at 5~35°C repeating
every 30 seconds thru a Xe flash tube having a discharge
resistance of 0.7~1.0
Capacitance change
<10% of initial measured value
Dissipation factor
<150% of maximum specified value
Charge/discharge
Leakage current
<150% of maximum specified value
500 hours at 55°C with no voltage applied
Capacitance change
<10% initial measured value
Dissipation factor
<150% of maximum specified value
Shelf Life
Insulation resistance
<150% of maximum specified value
D
8
10
11
12
12.5
13
13.5
14
14.5
16
18
20
d
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
S1+0.5
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
7.5
7.5
D1
D+0.3mm
L1
L+0.5mm


Similar Part No. - 306FSR300XZ5BD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
306FSR300XZ5BD ILLINOISCAPACITOR-306FSR300XZ5BD Datasheet
304Kb / 4P
   Reduced case size - High voltage ??Low Leakage ??low dissipation
306FSR300XZ5BD ILLINOISCAPACITOR-306FSR300XZ5BD Datasheet
108Kb / 1P
   Photoflash Aluminum electropolytic capacitors
More results

Similar Description - 306FSR300XZ5BD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227FSB330XBD ILLINOISCAPACITOR-227FSB330XBD Datasheet
533Kb / 2P
   55C Photoflash Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com