Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

223PPA252KJ Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 223PPA252KJ
Description  Axial leaded metallized polypropylene film capacitors for power semiconductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

223PPA252KJ Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  223PPA252KJ Datasheet HTML 1Page - Illinois Capacitor, Inc. 223PPA252KJ Datasheet HTML 2Page - Illinois Capacitor, Inc. 223PPA252KJ Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PPA
Axial leaded metallized
polypropylene film capacitors
for power semiconductors
Features
Self Healing
Stable with frequency and temperature
High dvdt
Good pulse current ratings
Applications
Power semiconductor circuits
Switching power supplies
Inverter/ Converters
Induction Heating
Specifications
Operating Temperature Range
-55°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
700
850
1000
1200
1500
2000
2500
3000
Surge Voltage(SVDC)
SVDC
1000
1200
1400
1600
2000
2400
3000
3500
WVDC
700
850
1000
1200
1500
2000
2500
3000
AC voltage (50/60 Hz)
VAC
380
450
480
500
575
630
700
750
Frequency
(kHz)
C<0.1uF
C>1uF
Dissipation Factor (MAX)
25°C
1
0.05%
0.06%
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
30000 MΩxμF
(not to exceed 30G
Ω)
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
30000 hours @VAC, 70°C
100000 hours @VDC, 70°C
Life Expectancy
Capacitance Change
<3% of initially measured value
Failure Quota
300/ billion component hours
56 days at 40°C with 90 to 95%RH, +40°C and no voltage applied
Capacitance Change
<2% of initially measured value
Dissipation Factor
<0.0001 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature
Coefficient
-200 ppm/°C, +100ppm/°C
Terminal to Terminal
Terminal to case
Dielectric Strength
160% of rated VDC or 200% VDC
applied for 2 Seconds and 25°C
3kVAC, 50/60Hz applied between the
leads and case for 60 seconds
Dielectric
Polypropylene
Construction
Double Metallized film with internal series connections
Coating
Flame Retardant polyester tape wrap (UL 501) with epoxy resin end fill(UL94V0)
Leads
Lead free tinned copper leads
L MAX
29
34
34
46
46
55
59
D
<17.5
<18
>18
<25
>25
all
all
d +0.05
0.8
0.8
1.0
1.0
1.2
1.2
1.2


Similar Part No. - 223PPA252KJ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223PPA252KJ ILLINOISCAPACITOR-223PPA252KJ Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
223PPA252KJ ILLINOISCAPACITOR-223PPA252KJ Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
More results

Similar Description - 223PPA252KJ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
682PPS302KG ILLINOISCAPACITOR-682PPS302KG_13 Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
102PWS202KD ILLINOISCAPACITOR-102PWS202KD Datasheet
223Kb / 3P
   Axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
logo
Cornell Dubilier Electr...
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
105MPL100K ILLINOISCAPACITOR-105MPL100K_13 Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com