Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

223PSB252K2H Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part # 223PSB252K2H
Description  Radial leaded metallized polypropylene film capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

223PSB252K2H Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

  223PSB252K2H Datasheet HTML 1Page - Illinois Capacitor, Inc. 223PSB252K2H Datasheet HTML 2Page - Illinois Capacitor, Inc. 223PSB252K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 223PSB252K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 223PSB252K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 223PSB252K2H Datasheet HTML 6Page - Illinois Capacitor, Inc. 223PSB252K2H Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
10 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
2.2
1200 225RSB122K2R
500
14
4.4
57.5x45x30
52.5
1.2
2
2.2
1200 225PSB122K4R
350
27
2.4
57.5x50x35
52.5
1.2
20.3
multi
2.2
1200 225PSB122K6R
350
31
2.3
57.5x50x35
52.5
1.2
10.2
multi
2.2
1200 225PSB122K2R
350
14
3
57.5x50x35
52.5
1.2
2
2.2
1200 225RSB122K4R
500
22
3.7
57.5x45x30
52.5
1.2
10.2
4
2.5
850
255PSB850K2R
275
14
2.9
57.5x45x30
52.5
1.2
2
2.5
850
255PSB850K4R
275
27
2.2
57.5x45x30
52.5
1.2
20.3
multi
2.5
850
255PSB850K6R
275
27.5
2.3
57.5x45x30
52.5
1.2
10.2
multi
2.5
1200 255PSB122K4R
350
27
2.2
57.5x50x35
52.5
1.2
20.3
multi
2.5
1200 255PSB122K6R
350
32
2.1
57.5x50x35
52.5
1.2
10.2
multi
2.5
1200 255RSB122K2R
500
14
4.2
57.5x45x30
52.5
1.2
2
2.5
1200 255RSB122K4R
500
23
3.5
57.5x45x30
52.5
1.2
20.3
4
2.5
1200 255PSB122K2R
350
14
2.8
57.5x50x35
52.5
1.2
2
3
700
305PSB700K6J
325
29
1.9
42.5x45x30
37.5
1.2
10.2
6
3
700
305PSB700K4J
325
27
2
42.5x45x30
37.5
1.2
20.3
4
3
700
305PSB700K2J
325
14
2.7
42.5x45x30
37.5
1.2
2
3
850
305PSB850K4R
275
27
2.3
57.5x45x30
52.5
1.2
20.3
multi
3
850
305PSB850K6R
275
29
2.2
57.5x45x30
52.5
1.2
10.2
multi
3
850
305PSB850K2R
275
14
3
57.5x45x30
52.5
1.2
2
3
1000 305PSB102K2R
320
14
2.9
57.5x50x35
52.5
1.2
2
3
1000 305RSB102K4R
450
23.5
3.2
57.5x45x30
37.5
1.2
20.3
4
3
1000 305PSB102K4R
320
27
2.2
57.5x50x35
52.5
1.2
20.3
multi
3
1000 305PSB102K6R
320
31.5
2.1
57.5x50x35
52.5
1.2
10.2
multi
3
1000 305RSB102K2R
450
14
4.4
57.5x45x30
37.5
1.2
2
3.3
700
335PSB700K2J
325
14
2.7
42.5x45x30
37.5
1.2
2
3.3
700
335PSB700K6J
325
29.5
1.9
42.5x45x30
37.5
1.2
10.2
6
3.3
700
335PSB700K4J
325
27
2
42.5x45x30
37.5
1.2
20.3
4
3.3
850
335PSB850K2R
275
14
2.6
57.5x45x30
52.5
1.2
2
3.3
850
335PSB850K4R
275
27
2
57.5x45x30
52.5
1.2
20.3
multi
3.3
850
335PSB850K6R
275
30
2.1
57.5x45x30
52.5
1.2
10.2
multi
3.3
1000 335PSB102K4R
320
27
2.1
57.5x50x35
52.5
1.2
20.3
multi
3.3
1000 335PSB102K6R
320
32.5
2
57.5x50x35
52.5
1.2
10.2
multi
3.3
1000 335RSB102K2R
450
14
3.8
57.5x45x30
52.5
1.2
2
3.3
1000 335PSB102K2R
320
14
2.8
57.5x50x35
52.5
1.2
2
3.3
1000 355RSB102K4R
450
24
3.1
57.5x45x30
52.5
1.2
20.3
4
3.3
1200 335RSB122K4R
500
27
3
57.5x50x35
52.5
1.2
20.3
4
3.3
1200 335RSB122K2R
500
14
3.7
57.5x50x35
52.5
1.2
2
4
700
405PSB700K2R
200
14
3.1
57.5x45x30
52.5
1.2
2
4
700
405PSB700K6R
200
27
2.4
57.5x45x30
52.5
1.2
10.2
6
4
700
405PSB700K4R
200
27
3.1
57.5x45x30
52.5
1.2
20.3
4
4
850
405PSB850K2R
275
14
2.6
57.5x50x35
52.5
1.2
2
4
850
405PSB850K4R
275
27
2
57.5x50x35
52.5
1.2
20.3
multi
4
850
405PSB850K6R
275
32.5
1.9
57.5x50x35
52.5
1.2
10.2
multi
4
1000 405RSB102K2R
450
14
3.5
57.5x50x35
52.5
1.2
2
4
1000 405RSB102K4R
450
27
2.8
57.5x50x35
52.5
1.2
20.3
4
4.7
700
475PSB700K6R
200
30
2.1
57.5x50x35
52.5
1.2
10.2
6
4.7
700
475PSB700K4R
200
27
2.2
57.5x50x35
52.5
1.2
20.3
4
4.7
700
475PSB700K2R
200
14
2.9
57.5x50x35
52.5
1.2
2
4.7
850
475PSB850K2R
450
14
2.4
57.5x50x35
52.5
1.2
2
4.7
1000 475RSB102K2R
450
14
3.3
57.5x50x35
52.5
1.2
2
4.7
1000 475RSB102K4R
450
27
2.7
57.5x50x35
52.5
1.2
20.3
4
5
700
505PSB700K4R
200
27
2.2
57.5x50x35
52.5
1.2
20.3
4
5
700
505PSB700K6R
200
30.5
2.1
57.5x50x35
52.5
1.2
10.2
6
5
700
505PSB700K2R
200
14
2.9
57.5x50x35
52.5
1.2
2
5.6
700
565PSB700K2R
200
14
2.6
57.5x50x35
52.5
1.2
2
5.6
700
565PSB700K6R
200
32
1.8
57.5x50x35
52.5
1.2
10.2
6
5.6
700
565PSB700K4R
200
27
1.9
57.5x50x35
52.5
1.2
20.3
4


Similar Part No. - 223PSB252K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223PSB252K2H ILLINOISCAPACITOR-223PSB252K2H Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
223PSB252K2H ILLINOISCAPACITOR-223PSB252K2H Datasheet
433Kb / 11P
   Power semiconductor module protection - High pulse and rms current ??Multiple Leads
More results

Similar Description - 223PSB252K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com