Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

333PSB122K2G Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 333PSB122K2G
Description  Radial leaded metallized polypropylene film capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

333PSB122K2G Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  333PSB122K2G Datasheet HTML 1Page - Illinois Capacitor, Inc. 333PSB122K2G Datasheet HTML 2Page - Illinois Capacitor, Inc. 333PSB122K2G Datasheet HTML 3Page - Illinois Capacitor, Inc. 333PSB122K2G Datasheet HTML 4Page - Illinois Capacitor, Inc. 333PSB122K2G Datasheet HTML 5Page - Illinois Capacitor, Inc. 333PSB122K2G Datasheet HTML 6Page - Illinois Capacitor, Inc. 333PSB122K2G Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
10 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
0.47
1500 474PSB152K4J
800
16
3.8
42.5x37x28
37.5
1.2
10.2
4
0.47
2000 474PSB202K4J
1000
20
3.4
42.5x37x28
37.5
1.2
20.3
4
0.47
2000 474RSB202K2J
1220
13
6.1
42.5x33.5x22
37.5
1.2
2
0.47
2000 474PSB202K2J
1000
14
4.1
42.5x37x28
37.5
1.2
2
0.47
2500 474PSB252K2R
750
14
4.7
57.5x45x30
52.5
1.2
2
0.47
2500 474PSB252K4R
750
21
4
57.5x45x30
52.5
1.2
20.3
4
0.47
3000 474PSB302K4R
875
23.5
3.9
57.5x50x35
52.5
1.2
20.3
4
0.47
3000 474RSB302K4R
1150
18
6.1
57.5x45x30
52.5
1.2
10.2
4
0.47
3000 474PSB302K2R
875
14
4.6
57.5x50x35
52.5
1.2
2
0.47
3000 474RSB302K2R
1150
14
6.8
57.5x45x30
52.5
1.2
2
0.56
2000 564PSB202K2J
1000
14
3.8
42.5x45x30
37.5
1.2
2
0.56
2000 564PSB202K4J
1000
23.5
3.1
42.5x45x30
37.5
1.2
20.3
4
0.56
2500 564PSB252K4R
750
22.5
3.6
57.5x45x30
52.5
1.2
20.3
4
0.56
2500 564PSB252K2R
750
14
4.3
57.5x45x30
52.5
1.2
2
0.68
700
684PSB700K2H
485
14
3.8
32x33x18
27.5
1.2
2
0.68
700
684PSB700K4H
485
17
3.1
32x33x18
27.5
1.2
5.1
4
0.68
850
684PSB850K4H
700
20.5
2.6
32x37x22
27.5
1.2
10.2
4
0.68
850
684PSB850K2J
400
13
4.3
42.5x28x17
37.5
1.2
2
0.68
850
684PSB850K2H
700
14
3.3
32x37x22
27.5
1.2
2
0.68
1000 684RSB102K2H
1120
14
4.7
32x37x22
27.5
1.2
2
0.68
1000 684PSB102K4J
570
17
3.4
42.5x37x28
37.5
1.2
10.2
multi
0.68
1000 684PSB102K2J
570
14
4.1
42.5x30x22
37.5
1.2
2
0.68
1000 684RSB102K4H
1120
17
4
32x37x22
27.5
1.2
10.2
4
0.68
1200 684PSB122K2J
650
14
4.1
42.5x37x28
37.5
1.2
2
0.68
1200 684PSB122K4J
650
17.5
3.4
42.5x37x28
37.5
1.2
10.2
multi
0.68
1500 684PSB152K2J
800
14
3.9
42.5x37x28
37.5
1.2
2
0.68
1500 684PSB152K4J
800
20.5
3.2
42.5x37x28
37.5
1.2
10.2
4
0.68
2000 684PSB202K4R
580
22
3.6
57.5x45x30
52.5
1.2
20.3
4
0.68
2000 684RSB202K4J
1220
17
4.7
42.5x37x28
37.5
1.2
10.2
4
0.68
2000 684RSB202K2J
1220
14
5.4
42.5x37x28
37.5
1.2
2
0.68
2000 684PSB202K2R
580
14
4.4
57.5x45x30
52.5
1.2
2
0.68
2500 684PSB252K2R
750
14
4
57.5x50x35
52.5
1.2
2
0.68
2500 684PSB252K4R
750
24.5
3.3
57.5x50x35
52.5
1.2
20.3
4
0.68
2500 684PSB252K6R
750
23
3.6
57.5x50x35
52.5
1.2
10.2
6
0.68
3000 684RSB302K4R
1150
18
5.1
57.5x50x35
52.5
1.2
20.3
4
0.68
3000 684RSB302K2R
1150
14
5.8
57.5x50x35
52.5
1.2
2
0.82
2000 824PSB202K2R
580
14
3.9
57.5x45x30
52.5
1.2
2
0.82
2000 824PSB202K6R
580
24
3.1
57.5x45x30
52.5
1.2
10.2
6
0.82
2000 824PSB202K4R
580
23.5
3.2
57.5x45x30
52.5
1.2
20.3
4
0.82
2500 824PSB252K4R
750
26.5
3
57.5x50x35
52.5
1.2
20.3
4
0.82
2500 824PSB252K6R
750
26
2.8
57.5x50x35
52.5
1.2
10.2
6
0.82
2500 824PSB252K2R
750
14
3.6
57.5x50x35
52.5
1.2
2
0.82
3000 824RSB302K2R
1150
14
5.3
57.5x50x35
52.5
1.2
2
0.82
3000 824RSB302K4R
1150
20
4.6
57.5x50x35
52.5
1.2
20.3
4
1
700
105PSB700K4H
485
21
2.6
32x37x22
27.5
1.2
10.2
4
1
700
105PSB700K2H
485
14
3.2
32x37x22
27.5
1.2
2
1
700
105PSB700K2J
325
13.5
4
42.5x28x17
37.5
1.2
2
1
850
105PSB850K4J
400
18.5
2.6
42.5x37x28
37.5
1.2
10.2
4
1
850
105PSB850K2J
400
14
3.3
42.5x30x22
37.5
1.2
2
1
1000 105PSB102K2J
570
14
3.6
42.5x37x28
37.5
1.2
2
1
1000 105RSB102K4J
750
15.5
4
42.5x30x22
37.5
1.2
10.2
4
1
1000 105RSB102K2J
750
14
4.7
42.5x30x22
37.5
1.2
2
1
1000 105PSB102K4J
570
22
2.9
42.5x37x28
37.5
1.2
10.2
multi
1
1200 105PSB122K4J
650
22
2.8
42.5x37x28
37.5
1.2
20.3
multi
1
1200 105PSB122K2J
650
14
3.5
42.5x37x28
37.5
1.2
2
1
1500 105PSB152K4J
800
26
2.6
42.5x45x30
37.5
1.2
20.3
4
1
1500 105PSB152K2J
800
14
3.3
42.5x45x30
37.5
1.2
2
1
2000 105PSB202K2R
580
14
3.6
57.5x50x35
52.5
1.2
2


Similar Part No. - 333PSB122K2G

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
333PSB122K2G ILLINOISCAPACITOR-333PSB122K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
333PSB122K2G ILLINOISCAPACITOR-333PSB122K2G Datasheet
433Kb / 11P
   Power semiconductor module protection - High pulse and rms current ??Multiple Leads
More results

Similar Description - 333PSB122K2G

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com