Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

156BPA050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 156BPA050M
Description  85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

156BPA050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  156BPA050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 156BPA050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
BPA
+85°C Non-polar Axial Lead
Aluminum Electrolytic
Capacitors
Features
Standard case sizes
Lead free leads
Applications
Audio Coupling
Crossover Networks
Specifications
Operating Temperature
Range
-40°C to +85°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
16
25
50
100
Surge
voltage
SVDC
20
32
63
125
WVDC
16
25
50
100
Dissipation
Factor
Tan
δ
.22
.2
.14
.1
5 Minutes
Leakage current
.05CV or 3uA,
Whichever is greater
WVDC
16
25
50
100
-25°C to 20°C
2
2
2
2
Low
temperature
stability
Impedance ratio
(120 Hz)
-40°C to +20°C
6
5
4
3
2000 hours at 85°C with rated WVDC and rated voltage reversed every 250 hours.
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
>100% of maximum specified value
Capacitance
Frequency (Hz)
Temperature (°C)
uF
50
120
400
1k
10k
50k
+85
+70
+60
+30
C<10
.72
1.0
1.25
1.45
1.65
1.7
1.0
1.3
1.5
1.8
10<C<100
.75
1.0
1.19
1.36
1.53
1.57
1.0
1.3
1.5
1.8
Ripple Current Multipliers
100<C<1000
.79
1.0
1.15
1.3
1.45
1.49
1.0
1.3
1.5
1.8
D
5
6.3
8
10
12.5
16
18
22
25
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
1.0
1.0
L1=L+2.0mm Max.
mm
D1=D+0.5 Max.


Similar Part No. - 156BPA050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
156BPA050M ILLINOISCAPACITOR-156BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
156BPA050M ILLINOISCAPACITOR-156BPA050M Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
156BPA050M ILLINOISCAPACITOR-156BPA050M Datasheet
212Kb / 2P
   Small size ??Non/ Bi-Polar
156BPA050M ILLINOISCAPACITOR-156BPA050M Datasheet
112Kb / 1P
   AXIAL LEAD
More results

Similar Description - 156BPA050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M_13 Datasheet
183Kb / 2P
   85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com