Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

474MKP275KG4 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 474MKP275KG4
Description  Small size ??Safety Agency approved ??Metalized Polypropylene
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474MKP275KG4 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  474MKP275KG4 Datasheet HTML 1Page - Illinois Capacitor, Inc. 474MKP275KG4 Datasheet HTML 2Page - Illinois Capacitor, Inc. 474MKP275KG4 Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Small size Safety Agency approved Metalized
Polypropylene
APPLICATIONS
EMI filters Line bypass Across the line Antenna
coupling
Operating Temperature Range
-40°C to +110°C
Capacitance Tolerance
+10% at 1 kHz, 20°C
CSA
ENEC
CQC
UL
AC voltage
(50/60 Hz)
250/310 VAC
305 VAC
275 VAC
250/310
VAC
Tan
δ
Dissipation Factor
at 1 kHz and 20°C
.1% Max
Capacitance
Terminal to Terminal
Terminal to Case
<0.33uF
15000 M
>30000 M
Ω at 100VDC
>5000 M
Ω at 500VDC
Insulation Resistance
@20°C (<70% RH)for 1 minute
at 100VDC applied
>0.33uF
5000 M
ΩxuF
>30000 M
Ω at 100VDC
>5000 M
Ω at 500VDC
Self Inductance
<1 nano-Henry per mm of lead spacing and lead length
Terminal to Terminal
C<.0068uF, 1500 VAC or 2121 VDC applied for 60 Seconds
C>.0068uF, 1000 VAC or 1768 VDC applied for 60 seconds
Cut-off current: 2A ac or 10mAdc
Current limiting resistance: 1
Ω/V
Dielectric Strength
Terminal to case
2050VDC applied between the terminals and case for 60 Seconds
and 20°C
1000 hours at 110°C at 125% of rated voltage with once every hour the voltage is
increased to 1000 VAC for 0.1 seconds
Capacitance change
<10% of initially measured value
Dissipation Factor
<1.0% at 1kHz
Life Expectancy
Insulation Resistance
>100% of initially specified value (T-T)
>3000 M
Ω (Terminal to case)
500 Hours at 90 to 95% RH, 40C and no voltage applied after which the following
voltage will be applied for 1 minute to each capacitor.
C<0.0068uF 1500VAC, C>0.0068uF 1075VAC
Capacitance change
<10% of initially measured value
Dissipation Factor
<1.0% at 1kHz
Humidity test
Insulation Resistance
>50% of initially specified value (T-T)
>15000 M
Ω (Terminal to case)
Impulse voltage
(24 pulses)
C< 1uF Vp=2.5kVDC
C> 1uF Vp=2.5kV
√C
Capacitance temperature
coefficient
-200ppm/°C, +100ppm/°C
Construction
Metallized Polypropylene film
Electrodes
Vacuum deposited Metal layers
Coating
Flame retardant Solvent resistant plastic case with epoxy end fill (UL94V-0)
Lead terminations
Lead free tinned copper leads


Similar Part No. - 474MKP275KG4

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474MKP275KG4 ILLINOISCAPACITOR-474MKP275KG4 Datasheet
336Kb / 3P
   Small size ??Safety Agency approved ??Metalized Polypropylene
More results

Similar Description - 474MKP275KG4

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MKP ILLINOISCAPACITOR-MKP Datasheet
336Kb / 3P
   Small size ??Safety Agency approved ??Metalized Polypropylene
logo
Cherry Semiconductor Co...
PRK22J5DBBNN CHERRY-PRK22J5DBBNN Datasheet
261Kb / 2P
   Smallest agency approved rocker switch
logo
ZF Friedrichshafen AG
K22J5FBBNN ZFSWITCHES-K22J5FBBNN Datasheet
261Kb / 2P
   Smallest agency approved rocker switch
logo
Bel Fuse Inc.
ABC450 BEL-ABC450 Datasheet
2Mb / 9P
   ITE Safety Agency Approvals
ABC300 BEL-ABC300 Datasheet
1Mb / 6P
   ITE Safety Agency Approvals
logo
List of Unclassifed Man...
BL600 ETC2-BL600 Datasheet
123Kb / 2P
   Meets Safety Agency Requirements
logo
Pulse A Technitrol Comp...
PE-63387 PULSE-PE-63387 Datasheet
58Kb / 1P
   International safety construction, VDE approved
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
logo
Pulse A Technitrol Comp...
PE-63387NL PULSE-PE-63387NL Datasheet
58Kb / 1P
   International safety construction, VDE approved
logo
Vishay Siliconix
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com