Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154PSB252K2J Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 154PSB252K2J
Description  Radial leaded metallized polypropylene film capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

154PSB252K2J Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  154PSB252K2J Datasheet HTML 1Page - Illinois Capacitor, Inc. 154PSB252K2J Datasheet HTML 2Page - Illinois Capacitor, Inc. 154PSB252K2J Datasheet HTML 3Page - Illinois Capacitor, Inc. 154PSB252K2J Datasheet HTML 4Page - Illinois Capacitor, Inc. 154PSB252K2J Datasheet HTML 5Page - Illinois Capacitor, Inc. 154PSB252K2J Datasheet HTML 6Page - Illinois Capacitor, Inc. 154PSB252K2J Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PSB/RSB
Radial leaded metallized
polypropylene film capacitors
Features
Self Healing
Stable with frequency and temperature
High dvdt
Good pulse current ratings
Applications
Power semiconductor circuits
Switching power supplies
Resonant circuits
Induction heaters
Specifications
Operating Temperature Range
PSB: -40°C to +100°C, observing voltage and current derating
RSB: -40°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
700
850
1000
1200
1500
2000
2500
3000
Non-Recurrent SVDC
VAC
(RSB)
1100
1300
(1200)
1550
(1300)
1750
(1600)
2200
2600
(2400)
3300
4000
(3500)
WVDC
700
850
1000
1200
1500
2000
2500
3000
VAC
420
500
575
630
650
700
725
750
AC voltage (50/60 Hz)
For T>+85°C , The voltage (DC/AC)must be decreased by (1.5/2.5)% per °C
Frequency
(kHz)
C<1uF
C>1uF
Dissipation Factor (MAX)
25°C
1
0.05%
0.06%
Insulation Resistance
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
30000 MΩxuF
(not to exceed 30G
Ω)
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
100000 Hours @WVDC
30000 Hours @ VAC
Life Expectancy
Capacitance Change
<3% of initially measured value
Failure quota
300/ Billion component hours
56 days at40°C with 90 to 95%RH, +40°C and no voltage applied
Capacitance Change
<2% of initially measured value
Dissipation Factor
<0.001 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
Capacitance Temperature
Coefficient
-200 ppm/°C, +100ppm/°C
Terminal to Terminal
Terminal to case
Dielectric Strength
160% of rated VDC or 150% VAC
applied for 2 Seconds and 25°C
3kVAC @ 50/60 Hz applied between
terminals and case for 60 seconds at
25°C
Dielectric
Polypropylene
Construction
Double Metallized film with internal series connections
Coating
Flame Retardant plastic box with epoxy resin (UL94V-0)
Leads
Lead free tinned copper leads


Similar Part No. - 154PSB252K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
154PSB252K2J ILLINOISCAPACITOR-154PSB252K2J Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
154PSB252K2J ILLINOISCAPACITOR-154PSB252K2J Datasheet
433Kb / 11P
   Power semiconductor module protection - High pulse and rms current ??Multiple Leads
More results

Similar Description - 154PSB252K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com