Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107KBM010M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 107KBM010M
Description  Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107KBM010M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  107KBM010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 107KBM010M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBM
+105°C, High Frequency Low
Impedance/ESR,8000 to
10000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
0.47
100
474KBM100M
282.333
5.301
26
5x11
0.47
50
474KBM050M
352.916
5.658
25
5x11
1
50
105KBM050M
165.87
3.989
36
5x11
1
100
105KBM100M
132.696
3.737
37
5x11
2.2
100
225KBM100M
60.317
2.265
55
5x11
2.2
50
225KBM050M
75.396
2.417
55
5x11
3.3
50
335KBM050M
50.264
2.014
65
5x11
3.3
100
335KBM100M
40.211
1.887
65
5x11
4.7
100
475KBM100M
28.233
1.59
80
5x11
4.7
50
475KBM050M
35.292
1.697
80
5x11
10
50
106KBM050M
16.587
1.33
110
5x11
10
100
106KBM100M
13.27
1.246
130
6.3x11
10
63
106KBM063M
14.928
1.246
120
5x11
22
63
226KBM063M
6.786
0.679
180
6.3x11
22
100
226KBM100M
6.032
0.679
190
8x11.5
22
50
226KBM050M
7.54
0.725
140
5x11
33
50
336KBM050M
5.026
0.564
200
6.3x11
33
35
336KBM035M
6.032
0.635
160
5x11
33
100
336KBM100M
4.021
0.317
270
10x12.5
33
63
336KBM063M
4.524
0.528
250
8x11.5
47
63
476KBM063M
3.176
0.424
280
8x11.5
47
100
476KBM100M
2.823
0.254
350
10x16
47
50
476KBM050M
3.529
0.453
230
6.3x11
47
25
476KBM025M
4.941
0.539
170
5x11
100
25
107KBM025M
2.322
0.348
280
6.3x11
100
10
107KBM010M
3.152
0.482
210
5x11
100
50
107KBM050M
1.659
0.292
420
8x14
100
35
107KBM035M
1.99
0.329
370
8x11.5
100
100
107KBM100M
1.327
0.164
640
12.5x20
100
63
107KBM063M
1.493
0.192
530
10x16
220
63
227KBM063M
0.679
0.099
960
10x25
220
100
227KBM100M
0.603
0.085
1200
16x25
220
35
227KBM035M
0.905
0.128
640
10x12.5
220
50
227KBM050M
0.754
0.113
760
10x16
220
10
227KBM010M
1.433
0.249
350
6.3x11
220
25
227KBM025M
1.056
0.18
480
8x11.5
330
25
337KBM025M
0.704
0.108
700
10x12.5
330
16
337KBM016M
0.804
0.152
520
8x11.5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
330
6.3
337KBM6R3M
1.106
0.246
410
6.3x11
330
50
337KBM050M
0.503
0.091
1020
10x20
330
35
337KBM035M
0.603
0.102
870
10x16
330
100
337KBM100M
0.402
0.068
1470
16x25
330
63
337KBM063M
0.452
0.079
1210
12.5x20
470
63
477KBM063M
0.318
0.065
1480
12.5x25
470
35
477KBM035M
0.423
0.084
1070
10x20
470
50
477KBM050M
0.353
0.074
1290
12.5x20
470
16
477KBM016M
0.565
0.093
690
10x12.5
470
25
477KBM025M
0.494
0.088
860
10x16
470
10
477KBM010M
0.671
0.138
560
8x11.5
1000
10
108KBM010M
0.315
0.063
1070
10x16
1000
25
108KBM025M
0.232
0.057
1580
12.5x20
1000
16
108KBM016M
0.265
0.06
1230
10x20
1000
6.3
108KBM6R3M
0.365
0.066
920
10x12.5
1000
50
108KBM050M
0.166
0.048
2390
16x25
1000
35
108KBM035M
0.199
0.054
1940
12.5x25
1000
63
108KBM063M
0.149
0.042
2900
16x35.5
2200
35
228KBM035M
0.121
0.031
3070
16x31.5
2200
50
228KBM050M
0.106
0.027
3650
18x35.5
2200
16
228KBM016M
0.151
0.034
1960
12.5x25
2200
25
228KBM025M
0.136
0.032
2540
16x25
2200
10
228KBM010M
0.173
0.036
1720
12.5x20
3300
10
338KBM010M
0.126
0.03
2170
12.5x25
3300
25
338KBM025M
0.101
0.027
3180
16x31.5
3300
16
338KBM016M
0.111
0.029
2570
16x25
3300
6.3
338KBM6R3M
0.131
0.032
1910
12.5x20
3300
35
338KBM035M
0.09
0.026
3870
18x35.5
4700
16
478KBM016M
0.085
0.024
3100
16x31.5
4700
25
478KBM025M
0.078
0.023
3880
18x35.5
4700
10
478KBM010M
0.095
0.025
2730
16x25
6800
10
688KBM010M
0.076
0.023
3300
16x31.5
6800
16
688KBM016M
0.068
0.022
3800
18x35.5
6800
6.3
688KBM6R3M
0.073
0.024
2920
16x25
10000
6.3
109KBM6R3M
0.066
0.021
3450
16x31.5
10000
10
109KBM010M
0.061
0.02
3940
18x35.5
15000
6.3
159KBM6R3M
0.055
0.02
4130
18x35.5


Similar Part No. - 107KBM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107KBM010M ILLINOISCAPACITOR-107KBM010M Datasheet
412Kb / 3P
   10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
107KBM010M ILLINOISCAPACITOR-107KBM010M Datasheet
185Kb / 2P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
107KBM010M ILLINOISCAPACITOR-107KBM010M Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
107KBM010M ILLINOISCAPACITOR-107KBM010M Datasheet
134Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 107KBM010M

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com