Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1C88649 Datasheet(PDF) 9 Page - Epson Company

Part # S1C88649
Description  8-bit Single Chip Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C88649 Datasheet(HTML) 9 Page - Epson Company

Back Button S1C88649 Datasheet HTML 5Page - Epson Company S1C88649 Datasheet HTML 6Page - Epson Company S1C88649 Datasheet HTML 7Page - Epson Company S1C88649 Datasheet HTML 8Page - Epson Company S1C88649 Datasheet HTML 9Page - Epson Company S1C88649 Datasheet HTML 10Page - Epson Company S1C88649 Datasheet HTML 11Page - Epson Company S1C88649 Datasheet HTML 12Page - Epson Company S1C88649 Datasheet HTML 13Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
S1C88649
2. Write cycle
Item
Symbol
Min.
Typ.
Max.
Unit
Address set-up time in write cycle
Address hold time in write cycle
Write signal pulse width
Data output set-up time in write cycle
Data output hold time in write cycle
twas
twah
twp
twds
twdh
ns
ns
ns
ns
ns
Note
1
1
Note) 1
(Condition: VDD=1.8 to 3.6V, VSS=0V, Ta=25
°C, VIH1=0.8VDD, VIL1=0.2VDD, VIH2=1.6V, VIL2=0.6V,
VOH=0.8VDD, VOL=0.2VDD, CL=100pF(load capacitance))
Substitute the number of states for wait insertion in n.
tc-180
th-80
tl-40+n•tc/2
tc-180+n•tc/2
th-80
th+80
ICLK
A00–A18
CE
RD
DIN
VIH2
VIL2
tc
th
tl
VOH
VOL
VOH
VOL
tras
trah
trdh
trds
VIH1
VIL1
trp
*
**
A00–A18
CE
WR
DOUT
VOH
VOL
VOH
VOL
twas
twah
twdh
twds
VIH1
VIL1
twp
∗ In the case of crystal oscillation and ceramic oscillation: th = 0.5tc ± 0.05tc, tl = tc - th (1/tc: oscillation frequency)
∗ In the case of CR oscillation: th = 0.5tc ± 0.10tc, tl = tc - th (1/tc: oscillation frequency)
Serial interface
1. Clock synchronous master mode
Item
Symbol
Min.
Typ.
Max.
Unit
Transmitting data output delay time
Receiving data input set-up time
Receiving data input hold time
tsmd
tsms
tsmh
ns
ns
ns
Note
500
200
200
(Condition: VDD=1.8 to 3.6V, VSS=0V, Ta=25
°C, VIH1=0.8VDD, VIL1=0.2VDD, VOH=0.8VDD, VOL=0.2VDD)
2. Clock synchronous slave mode
Item
Symbol
Min.
Typ.
Max.
Unit
Transmitting data output delay time
Receiving data input set-up time
Receiving data input hold time
tssd
tsss
tssh
ns
ns
ns
Note
200
200
500
(Condition: VDD=1.8 to 3.6V, VSS=0V, Ta=25
°C, VIH1=0.8VDD, VIL1=0.2VDD, VOH=0.8VDD, VOL=0.2VDD)


Similar Part No. - S1C88649

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
More results

Similar Description - S1C88649

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com