Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227BPS050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 227BPS050M
Description  85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227BPS050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  227BPS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227BPS050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BPS
+85°C, Bi-Polar, 2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
0.47
50
474BPS050M
564.379
5
5x11
0.47
100
474BPS100M
352.737
10
5x11
1
50
105BPS050M
265.258
10
5x11
1
100
105BPS100M
165.786
18
5x11
2.2
50
225BPS050M
120.572
23
5x11
2.2
100
225BPS100M
75.358
30
6.3x11
3.3
50
335BPS050M
80.381
28
5x11
3.3
100
335BPS100M
50.238
35
6.3x11
4.7
50
475BPS050M
56.438
35
5x11
4.7
63
475BPS063M
42.328
37
5x11
4.7
100
475BPS100M
35.274
44
6.3x11
10
35
106BPS035M
23.21
46
5x11
10
50
106BPS050M
26.526
54
6.3x11
10
63
106BPS063M
19.894
58
6.3x11
10
100
106BPS100M
16.579
72
8x11.5
22
16
226BPS016M
16.579
60
5x11
22
35
226BPS035M
10.55
75
6.3x11
22
50
226BPS050M
12.057
90
8x11.5
22
63
226BPS063M
9.043
96
8x11.5
22
100
226BPS100M
7.536
138
10x16
33
16
336BPS016M
11.052
72
5x11
33
25
336BPS025M
10.048
82
6.3x11
33
50
336BPS050M
8.038
108
8x11.5
33
63
336BPS063M
6.029
135
10x12.5
33
100
336BPS100M
5.024
200
12.5x20
47
10
476BPS010M
8.466
82
5x11
47
25
476BPS025M
7.055
95
6.3x11
47
35
476BPS035M
4.938
120
8x11.5
47
50
476BPS050M
5.644
155
10x12.5
47
63
476BPS063M
4.233
185
10x16
47
100
476BPS100M
3.527
245
12.5x20
100
10
107BPS010M
3.979
125
6.3x11
100
25
107BPS025M
3.316
160
8x11.5
100
35
107BPS035M
2.321
230
10x16
100
50
107BPS050M
2.653
270
10x20
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
100
63
107BPS063M
1.989
325
12.5x20
100
100
107BPS100M
1.628
430
16x25
220
10
227BPS010M
1.809
215
8x11.5
220
16
227BPS016M
1.658
263
10x12.5
220
25
227BPS025M
1.507
305
10x16
220
35
227BPS035M
1.055
418
12.5x20
220
50
227BPS050M
1.206
490
12.5x25
220
63
227BPS063M
0.904
575
16x25
220
100
227BPS100M
0.754
650
18x35.5
330
6.3
337BPS6R3M
1.206
255
8x11
330
16
337BPS016M
1.105
358
10x16
330
35
337BPS035M
0.703
520
12.5x20
330
50
337BPS050M
0.804
660
16x25
330
63
337BPS063M
0.603
655
16x31.5
330
100
337BPS100M
0.502
790
18x35.5
470
6.3
477BPS6R3M
0.979
350
10x12.5
470
10
477BPS010M
0.847
410
10x16
470
16
477BPS016M
0.776
465
10x20
470
25
477BPS025M
0.706
550
12.5x20
470
35
477BPS035M
0.494
665
12.5x25
470
50
477BPS050M
0.564
850
16x31.5
470
63
477BPS063M
0.423
965
18x35.5
470
100
477BPS100M
0.353
1030
18x42
1000
6.3
108BPS6R3M
0.4603
615
10x20
1000
10
108BPS010M
0.398
725
12.5x20
1000
16
108BPS016M
0.365
825
12.5x25
1000
25
108BPS025M
0.332
965
16x25
1000
35
108BPS035M
0.232
1160
16x31.5
2200
6.3
228BPS6R3M
0.211
1070
13x25
2200
10
228BPS010M
0.211
1280
16x25
2200
16
228BPS016M
0.196
1460
16x31.5
2200
25
228BPS025M
0.181
1620
18x35.5
3300
10
338BPS010M
0.151
1590
16x31.5
3300
16
338BPS016M
0.141
1890
18x35.5
4700
10
478BPS010M
0.113
1990
18x35.5


Similar Part No. - 227BPS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227BPS050M ILLINOISCAPACITOR-227BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
227BPS050M ILLINOISCAPACITOR-227BPS050M Datasheet
231Kb / 2P
   Bi-Polar, 2000 hours
227BPS050M ILLINOISCAPACITOR-227BPS050M Datasheet
225Kb / 2P
   Small size ??Non/ Bi- Polar
227BPS050M ILLINOISCAPACITOR-227BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 227BPS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M_13 Datasheet
206Kb / 2P
   85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com