Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS1246T-153ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MSS1246T-153ML
Description  Designed for high ambient temperatures Magnetic shielding allows high density mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS1246T-153ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  MSS1246T-153ML Datasheet HTML 1Page - Coilcraft lnc. MSS1246T-153ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
HIGH TEMPERA
TURE
Document 540-1
Document 540-1 Revised 08/18/11
DCR3
SRF
Isat (A)5
Irms (A)6
Inductance2
(mOhms)
typ4
10% 20% 30% 20°C 40°C
Part number1
(µH)
typ
max
(MHz) drop drop drop rise rise
MSS1246T-102ML_
1.0±20%
5.6
6.3
100
18.14 20.64 22.24 6.00 8.00
MSS1246T-152ML_
1.5±20%
8.7
9.7
85.0 14.06 15.90 17.08 5.80 7.80
MSS1246T-272ML_
2.7±20%
10.3
11.5
70.0 11.66 13.16 14.16 5.00 6.80
MSS1246T-332ML_
3.3±20%
15.1
16.8
65.0
9.74 11.08 11.98 4.50 6.30
MSS1246T-472ML_
4.7±20%
19.1
21.3
42.0
8.62 9.70 10.42 4.40 6.00
MSS1246T-562ML_
5.6±20%
22.1
24.6
37.0
7.62 8.74 9.44 3.95 5.75
MSS1246T-682ML_
6.8±20%
24.9
27.7
33.0
7.38 8.36 9.00 3.70 5.20
MSS1246T-822ML_
8.2±20%
27.4
30.5
31.0
6.84 7.70 8.32 3.35 4.67
MSS1246T-103ML_ 10±20%
36.8
40.9
27.0
5.88 6.66 7.18 2.85 3.90
MSS1246T-123ML_ 12±20%
38.9
43.3
24.0
5.34 6.04 6.52 2.69 3.65
MSS1246T-153ML_ 15±20%
48.6
54.1
22.0
4.68 5.36 5.78 2.50 3.40
MSS1246T-183ML_ 18±20%
51.0
56.7
19.0
4.32 4.92 5.32 2.41 3.19
MSS1246T-223ML_ 22±20%
60.3
67.0
18.0
3.84 4.34 4.75 2.30 3.14
MSS1246T-273ML_ 27±20%
67.5
75.0
16.0
3.54 4.02 4.32 2.06 2.86
MSS1246T-333ML_ 33±20%
81.7
90.8
15.0
3.24 3.66 3.96 1.90 2.60
MSS1246T-393ML_ 39±20%
95.2 105.8
13.3
3.04 3.46 3.72 1.73 2.39
MSS1246T-473ML_ 47±20%
120.6 134.0
12.0
2.70 3.08 3.34 1.50 2.10
MSS1246T-563ML_ 56±20%
133.8 148.7
10.6
2.46 2.80 3.02 1.44 2.01
MSS1246T-683ML_ 68±20%
167.3 185.9
9.7
2.26 2.54 2.74 1.30 1.80
MSS1246T-823ML_ 82±20%
188.5 209.5
8.8
1.98 2.26 2.46 1.24 1.72
MSS1246T-104ML_ 100±20%
216.8 240.9
8.0
1.84 2.08 2.24 1.19 1.65
MSS1246T-124KL_ 120±10%
287.2 319.2
7.2
1.62 1.86 2.04 1.03 1.42
MSS1246T-154KL_ 150±10%
326.7 363.0
6.6
1.48 1.70 1.82 0.95 1.30
MSS1246T-184KL_ 180±10%
379.5 421.7
5.9
1.36 1.56 1.68 0.89 1.21
MSS1246T-224KL_ 220±10%
488.2 542.5
5.3
1.22 1.38 1.50 0.76 1.00
MSS1246T-274KL_ 270±10%
560.1 622.4
4.7
1.12 1.26 1.36 0.72 0.95
MSS1246T-334KL_ 330±10%
731.4 812.7
4.1
1.00 1.10 1.20 0.65 0.87
MSS1246T-394KL_ 390±10%
813.7 904.2
3.8
0.946 1.00 1.10 0.59 0.79
MSS1246T-474KL_ 470±10%
935.1 1039
3.5
0.864 0.978 1.00 0.56 0.76
MSS1246T-564KL_ 560±10%
1193
1326
3.0
0.776 0.884 0.956 0.50 0.67
MSS1246T-684KL_ 680±10%
1370
1523
2.8
0.720 0.818 0.882 0.46 0.62
MSS1246T-824KL_ 820±10%
1590
1767
2.6
0.634 0.728 0.792 0.43 0.58
MSS1246T-105KL_ 1000±10% 2090
2323
2.4
0.594 0.676 0.728 0.36 0.50
Shielded Power Inductors–MSS1246T
Designer’s Kit C417 contains 3 each of all values.
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight: 2.3 g – 2.5 g
Ambient temperature –40°C to +125°C with Irms current, +125°C to
+165°C with derated current
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 200/7
″ reel; 800/13″ reel; Plastic tape: 24 mm wide,
0.35 mm thick, 16 mm pocket spacing, 4.7 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.
• Designed for high ambient temperatures
• Magnetic shielding allows high density mounting.
1. Please specify
termination and packaging codes:
MSS1246T-105KLD
Termination: L =RoHS compliant matte tin over
nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS
tin-lead (63/37).
Packaging: C=7
″ machine-ready reel. EIA-481
embossed plastic tape (200 parts
per full reel).
B=Less than full reel. In tape, but not
machine ready.
To have a leader and trailer
added ($25 charge), use code
letter C instead.
D=13″ machine-ready reel. EIA-481
embossed plastic tape (800 parts
per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc
using a Coilcraft SMD-A fixture in an Agilent/
HP 4263B LCR meter or equivalent.
3. DCR measured on a micro-ohmmeter and a
Coilcraft CCF858 test fixture.
4. SRF measured using an Agilent/HP 8753D
network analyzer and a Coilcraft SMD-D test
fixture.
5. DC current at which the inductance drops the
specified amount from its value without current.
6. Current that causes the specified temperature rise
from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.


Similar Part No. - MSS1246T-153ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1246T-153ML COILCRAFT-MSS1246T-153ML Datasheet
218Kb / 2P
   SMT Power Inductors
More results

Similar Description - MSS1246T-153ML

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
logo
jb Capacitors Company
JCS JBCAPACITORS-JCS Datasheet
390Kb / 1P
   Designed for surface mounting on high density circuit board
JCK JBCAPACITORS-JCK Datasheet
356Kb / 1P
   Designed for surface mounting on high density circuit board
logo
MERITEK ELECTRONICS COR...
SREJ MERITEK-SREJ Datasheet
745Kb / 4P
   For high density mounting
SREL MERITEK-SREL Datasheet
768Kb / 4P
   For high density mounting
SREM MERITEK-SREM Datasheet
751Kb / 4P
   For high density mounting
logo
Omron Electronics LLC
B3FS-1005 OMRON-B3FS-1005 Datasheet
282Kb / 4P
   Surface-mounting Switches Ideal for High-density Mounting
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
   Suitable for high-density PC Board mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com