Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

475TMA400M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 475TMA400M
Description  105C General Purpose Axial Lead Aluminum
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475TMA400M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  475TMA400M Datasheet HTML 1Page - Illinois Capacitor, Inc. 475TMA400M Datasheet HTML 2Page - Illinois Capacitor, Inc. 475TMA400M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TMA
+105°C, Extended Life, 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.47
100
474TMA100M
317.463
10
5x13
1
50
105TMA050M
198.944
10
5x13
1
100
105TMA100M
149.208
14
5x13
1
200
105TMA200M
331.573
9
6.3x13
1
350
105TMA350M
331.573
10
6.3x16
1
400
105TMA400M
414.466
12
8x16
1
450
105TMA450M
414.466
12
8x16
2.2
50
225TMA050M
90.428
18
5x13
2.2
100
225TMA100M
67.822
19
5x13
2.2
200
225TMA200M
150.715
17
6.3x16
2.2
350
225TMA350M
150.715
17
8x16
2.2
400
225TMA400M
188.394
19
8x20
2.2
450
225TMA450M
199.394
22
10x20
3.3
50
335TMA050M
60.286
22
5x13
3.3
100
335TMA100M
45.215
27
6.3x13
3.3
250
335TMA250M
100.477
24
8x16
3.3
350
335TMA350M
100.477
24
8x20
3.3
400
335TMA400M
125.596
27
10x21
3.3
450
335TMA450M
125.596
27
10x21
4.7
63
475TMA063M
35.274
32
5x13
4.7
100
475TMA100M
31.746
32
6.3x13
4.7
200
475TMA200M
70.547
28
8x16
4.7
250
475TMA250M
70.547
32
8x20
4.7
350
475TMA350M
70.547
33
10x20
4.7
400
475TMA400M
88.184
33
10x20
4.7
450
475TMA450M
88.184
36
10x25
10
35
106TMA035M
23.21
33
5x13
10
50
106TMA050M
19.894
41
5x13
10
63
106TMA063M
16.579
44
6.3x13
10
100
106TMA100M
14.921
52
6.3x16
10
160
106TMA160M
33.157
43
8x20
10
200
106TMA200M
33.157
50
10x21
10
250
106TMA250M
33.157
50
10x21
10
350
106TMA350M
33.157
60
13x26
10
400
106TMA400M
41.447
60
13x26
10
450
106TMA450M
41.447
67
12.5x30
22
25
226TMA025M
12.057
48
5x13
22
35
226TMA035M
10.55
57
6.3x13
22
63
226TMA063M
7.536
73
6.3x16
22
100
226TMA100M
6.782
85
8x16
22
160
226TMA160M
15.071
85
10x26
22
250
226TMA250M
15.071
100
13x26
22
350
226TMA350M
15.071
110
16x31
22
400
226TMA400M
18.839
110
16x31
22
450
226TMA450M
18.839
130
16x40
33
16
336TMA016M
10.048
54
5x13
33
25
336TMA025M
8.038
64
6.3x13
33
63
336TMA063M
5.024
89
6.3x16
33
100
336TMA100M
4.522
115
8x20
33
160
336TMA160M
10.048
120
13x26
33
200
336TMA200M
10.048
135
13x26
33
250
336TMA250M
10.048
135
13x26
33
350
336TMA350M
10.048
150
16x31
33
400
336TMA400M
12.56
155
16x41
33
450
336TMA450M
12.56
160
18x40
47
10
476TMA010M
8.466
57
5x13
47
16
476TMA016M
7.055
71
6.3x13
47
50
476TMA050M
4.233
100
6.3x16
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
47
63
476TMA063M
3.527
115
8x16
47
100
476TMA100M
3.175
135
8x20
47
160
476TMA160M
7.055
155
13x31
47
200
476TMA200M
7.055
155
13x31
47
250
476TMA250M
7.055
175
16x31
47
350
476TMA350M
7.055
185
16x41
47
400
476TMA400M
8.818
200
18x41
47
450
476TMA450M
8.818
220
22x40
100
6.3
107TMA6R3M
4.642
89
6.3x13
100
25
107TMA025M
2.653
120
6.3x16
100
50
107TMA050M
1.989
155
8x16
100
63
107TMA063M
1.658
185
8x20
100
100
107TMA100M
1.492
240
10x26
100
160
107TMA160M
3.316
300
16x41
100
200
107TMA200M
3.316
300
16x41
100
250
107TMA250M
3.316
300
16x41
100
350
107TMA350M
3.316
310
22x41
100
400
107TMA400M
4.145
330
22x51
220
10
227TMA010M
1.809
115
6.3x16
220
25
227TMA025M
1.206
200
8x16
220
35
227TMA035M
1.055
240
8x20
220
50
227TMA050M
0.904
290
10x21
220
63
227TMA063M
0.754
340
10x26
220
100
227TMA100M
0.678
430
13x31
220
160
227TMA160M
1.507
510
22x41
220
200
227TMA200M
1.507
510
22x41
220
250
227TMA250M
1.507
550
22x51
330
16
337TMA016M
1.005
230
8x16
330
25
337TMA025M
0.804
270
8x20
330
35
337TMA035M
0.703
330
10x21
330
50
337TMA050M
0.603
400
10x26
330
63
337TMA063M
0.504
460
13x26
330
100
337TMA100M
0.452
570
16x31
470
10
477TMA010M
0.847
250
8x16
470
16
477TMA016M
0.706
310
8x20
470
25
477TMA025M
0.564
370
10x21
470
35
477TMA035M
0.494
430
10x26
470
50
477TMA050M
0.423
530
13x26
470
63
477TMA063M
0.353
590
13x31
470
100
477TMA100M
0.318
770
16x41
1000
10
108TMA010M
0.398
460
10x21
1000
16
108TMA016M
0.332
550
10x26
1000
25
108TMA025M
0.265
640
13x26
1000
35
108TMA035M
0.232
750
13x31
1000
50
108TMA050M
0.199
890
16x31
1000
63
108TMA063M
0.166
940
16x31
1000
100
108TMA100M
0.149
1210
22x41
2200
10
228TMA010M
0.211
780
13x26
2200
16
228TMA016M
0.181
910
13x31
2200
25
228TMA025M
0.151
1040
16x31
2200
35
228TMA035M
0.136
1120
16x31
2200
50
228TMA050M
0.121
1360
18x41
2200
63
228TMA063M
0.106
1740
22x41
3300
6.3
338TMA6R3M
0.171
860
13x26
3300
10
338TMA010M
0.151
980
13x31
3300
16
338TMA016M
0.131
1140
16x31
3300
25
338TMA025M
0.111
1200
16x31
3300
35
338TMA035M
0.101
1430
16x41


Similar Part No. - 475TMA400M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475TMA400M ILLINOISCAPACITOR-475TMA400M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
475TMA400M ILLINOISCAPACITOR-475TMA400M Datasheet
267Kb / 3P
   Extended Life, 2000 hours
475TMA400M ILLINOISCAPACITOR-475TMA400M Datasheet
261Kb / 3P
   Extended Life - High voltage
475TMA400M ILLINOISCAPACITOR-475TMA400M Datasheet
113Kb / 1P
   AXIAL LEAD
More results

Similar Description - 475TMA400M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_13 Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
logo
Continental Device Indi...
CT282 CDIL-CT282 Datasheet
146Kb / 3P
   SILICON GENERAL PURPOSE DIODE AXIAL LEAD
logo
Weitron Technology
SR120 WEITRON-SR120 Datasheet
238Kb / 3P
   Axial Lead General Purpose Plastic Rectifier
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
logo
Sensitron
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Continental Device Indi...
CS1553 CDIL-CS1553 Datasheet
90Kb / 3P
   SILICON GENERAL PURPOSE SWITCHING DIODES AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com