Electronic Components Datasheet Search |
|
RFB0807-390L Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
RFB0807-390L Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 4 page US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2013 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. Document 277-1 Document 277-1 Revised 08/06/13 Power Inductors – RFB Series RFB0807 RFB0810 RFB1010 0.197 ±0.02 5,0 ±0,5 XXX MARKING 0.37 9,5 dia max max 0.45 11,5 dia 0.024 0,6 0.157 ±0.02 4,0 ±0,5 0.236 ±0.02 6,0 ±0,5 XXX MARKING 0.43 11,0 dia max max dia 0.45 11,5 0.031 0,8 0.157 ±0.02 4,0 ±0,5 Weight: 1.22 – 1.46 g Weight: 1.97 – 2.25 g Weight: 3.04 – 3.32 g Core material Ferrite Terminations Tin-silver over tin over copper over steel. Other termi- nations available at additional cost. Ambient temperature –40°C to +85°C with Irms current, +85°C to +125°C with derated current Storage temperature Component: –40°C to +85°C. Tray packaging: –40°C to +80°C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 150 parts per tray; optional fanfold tape for RFB0807 and RFB0810 PCB washing Tested with pure water or alcohol only. For other solvents, see Doc787_PCB_Washing.pdf • Low cost, high current power inductors • 2.2 µH to 18 mH inductance range • RFB0810 and RFB1010 have a flame retardant polyolefin wrap to protect the winding. |
Similar Part No. - RFB0807-390L |
|
Similar Description - RFB0807-390L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |