Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFB0807-101L Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # RFB0807-101L
Description  Low cost, high current power inductors 2.2 關H to 18 mH inductance range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFB0807-101L Datasheet(HTML) 3 Page - Coilcraft lnc.

  RFB0807-101L Datasheet HTML 1Page - Coilcraft lnc. RFB0807-101L Datasheet HTML 2Page - Coilcraft lnc. RFB0807-101L Datasheet HTML 3Page - Coilcraft lnc. RFB0807-101L Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 277-3
Document 277-3 Revised 08/06/13
PowerInductors–RFB0810Series
DCR
SRF
Irms(A)5
Inductance2
max
typ3
Isat4
20°C
40°C
Part number1
±10%
(Ohms) (MHz)
(A)
rise
rise
RFB0810-100L
10 µH
0.030
22
4.20
4.00
5.30
RFB0810-120L
12 µH
0.035
20
3.90
3.75
5.10
RFB0810-150L
15 µH
0.040
17
3.60
3.52
4.80
RFB0810-180L
18 µH
0.040
15
3.30
3.30
4.50
RFB0810-220L
22 µH
0.050
12
2.90
3.20
4.20
RFB0810-270L
27 µH
0.055
12
2.60
2.87
3.90
RFB0810-330L
33 µH
0.075
11
2.40
2.65
3.60
RFB0810-390L
39 µH
0.085
10.3
2.20
2.44
3.30
RFB0810-470L
47 µH
0.100
9.5
2.00
2.22
3.00
RFB0810-560L
56 µH
0.120
8.6
1.80
2.00
2.70
RFB0810-680L
68 µH
0.150
7.5
1.60
1.77
2.40
RFB0810-820L
82 µH
0.190
6.6
1.50
1.54
2.10
RFB0810-101L
100 µH
0.200
5.5
1.40
1.30
1.80
RFB0810-121L
120 µH
0.240
5.3
1.20
1.22
1.70
RFB0810-151L
150 µH
0.340
4.5
1.10
1.14
1.60
RFB0810-181L
180 µH
0.360
4.4
1.00
1.06
1.50
RFB0810-221L
220 µH
0.480
4.4
0.92
0.98
1.40
RFB0810-271L
270 µH
0.550
4.0
0.84
0.90
1.30
RFB0810-331L
330 µH
0.650
3.5
0.75
0.82
1.10
RFB0810-391L
390 µH
0.850
3.0
0.70
0.85
1.00
RFB0810-471L
470 µH
1.00
2.5
0.63
0.67
0.90
RFB0810-561L
560 µH
1.10
2.3
0.58
0.59
0.80
RFB0810-681L
680 µH
1.40
2.0
0.52
0.51
0.70
RFB0810-821L
820 µH
1.90
2.0
0.48
0.43
0.60
RFB0810-102L
1.0 mH
2.20
2.0
0.43
0.35
0.50
RFB0810-122L
1.2 mH
2.80
1.6
0.40
0.33
0.47
RFB0810-152L
1.5 mH
3.20
1.3
0.35
0.31
0.45
RFB0810-182L
1.8 mH
3.60
1.3
0.32
0.29
0.42
RFB0810-222L
2.2 mH
4.80
1.3
0.29
0.27
0.39
RFB0810-272L
2.7 mH
5.60
1.2
0.26
0.25
0.36
RFB0810-332L
3.3 mH
7.60
1.0
0.24
0.23
0.33
RFB0810-392L
3.9 mH
8.90
0.9
0.22
0.21
0.31
RFB0810-472L
4.7 mH
9.60
0.9
0.20
0.20
0.28
RFB0810-562L
5.6 mH
12.0
0.8
0.18
0.18
0.25
RFB0810-682L
6.8 mH
14.0
0.7
0.16
0.16
0.23
RFB0810-822L
8.2 mH
17.5
0.6
0.15
0.14
0.20
RFB0810-103L
10 mH
21
0.6
0.13
0.12
0.17
RFB0810-123L
12 mH
28
0.5
0.12
0.11
0.15
RFB0810-153L
15 mH
32
0.5
0.11
0.10
0.14
RFB0810-183L
18 mH
36
0.4
0.10
0.09
0.12
1. When ordering, please specify
termination code:
RFB0810-183L
Termination: L = Tin-silver over tin over copper over steel.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
To order parts packaged in fanfold tape (800 parts per box), add the letter “F” at the
end of the part number.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or
equivalent.
3. SRF measured using Agilent/HP 4191A or equivalent.
4. DC current at which the inductance drops 10% (typ) from its value without current.
5. Current that causes the specified temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Typical L vs Current
Typical L vs Frequency
1
10
100
1000
10000
100000
0.01
0.1
10
1
Current (A)
10000 µH
1000 µH
100 µH
10 µH
1
10
100
1000
10000
100000
0.01
0.1
10
1
10000 µH
1000 µH
100 µH
10 µH
Frequency (MHz)


Similar Part No. - RFB0807-101L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
RFB0807-101L COILCRAFT-RFB0807-101L Datasheet
675Kb / 7P
   Power Inductors
More results

Similar Description - RFB0807-101L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF0905-202Y BOURNS-SRF0905-202Y Datasheet
364Kb / 2P
   Inductance range: 10 to 6500 關H
SRN1060-221M BOURNS-SRN1060-221M Datasheet
329Kb / 2P
   Inductance range: 10 to 470 關H
logo
List of Unclassifed Man...
HM53 ETC-HM53 Datasheet
64Kb / 5P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
logo
Rhombus Industries Inc.
T-1398 RHOMBUS-IND-T-1398 Datasheet
24Kb / 1P
   Inductance 9.30 mH
logo
EPCOS
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com