Electronic Components Datasheet Search |
|
MLH160PGB01A Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
MLH160PGB01A Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center |
4 / 4 page Sensing and Control Honeywell 1985 Douglas Drive North Golden Valley, MN 55422 www.honeywell.com/sensing 008118-7-EN IL50 GLO Printed in USA February 2011 Copyright © 2011. Honeywell International Inc. All rights reserved. Nomenclature and Order Guide 1 Electrical Termination Measurement Type Pressure Range Pressure Connection Unit _ _ Output Signal _ _ _ _ _ P = psi B = bar G = Gage (psi) S = Sealed gage (psi) 4 MLH _ _ A = 0.5 Vdc to 4.5 Vdc ratiometric from 5 Vdc excitation B = 4 mA to 20 mA C = 1 Vdc to 6 Vdc regulated D = 0.25 Vdc to 10.25 Vdc regulated E = 0.5 Vdc to 4.5 Vdc regulated G = 1 Vdc to 5 Vdc regulated 01 = 1/4-18 NPT 02 = M12 x 1.5 (ISO 6149) 3 03 = M14 x 1.5 (ISO 6149) 3 04 = 3/8-24 UNF (SAE-3 O-ring boss) 3 05 = M18 x 1.5 (ISO 6149) 3 06 = 1/8 in-27 NPT 07 = 1/2 in-20 UNF (SAE-5 O-ring boss) 3 08 = M10 x 1 (ISO 6149) 3 09 = 1/4 in SAE female Schrader (7/16-20 UNF-2B internal thread) 10 = 7/16-20 UNF (SAE-4 O-ring boss) 3 11 = 1/2 in NPT 12 = 9/16-18 UNF (SAE-6 O-ring boss) 3 13 = R 1/4-19 BSPT (ISO 7-1 tapered thread) 14 = G 1/4-19 (DIN 3852-2) 3 15 = G 1/8 with O-ring groove 3 16 = M16 x 1.5 (ISO 6149) 3 17 = G 1/4 with O-ring groove 3 18 = G 1/8 (DIN 3852-2) 3 19 = R 1/8-28 BSPT (ISO 7-1 tapered thread) 20 = M20 x 1.5 (ISO 6149) 3 21 = 1/2-20 (SAE J514) 3 Series B = Delphi Metri-Pack 150 C = Hirschmann (mates with G4W1F) D = M12 x 1 (Brad Harrison micro) G = DIN 43650-C, 8 mm-male H = Amp Superseal 1.5 2 L = Cable (1 m) M = Cable (3 m) P = Flying leads (20 AWG – 6 in) T = Deutsch DTM04-3P (integral) (Mating connectors are not supplied.) psi bar 006 010 016 025 040 060 100 160 250 350 500 550 050 100 150 200 250 300 500 01K 02K 03K 05K 08K Notes: 1. Not all combinations are available. Minimum quantity orders apply. Additional pressure ranges, port styles and special calibration versions are available. Contact your local sales representative for assistance. 2. Available with “A” output only. 3. Supplied with O-ring. 4. Sealed gage devices are not available for pressure ranges below 100 psi. WARNING MISUSE OF DOCUMENTATION The information presented in this product sheet is for reference only. Do not use this document as a product installation guide. Complete installation, operation, and maintenance information is provided in the instructions supplied with each product. Failure to comply with these instructions could result in death or serious injury. WARRANTY/REMEDY Honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. Honeywell’s standard product warranty applies unless agreed to otherwise by Honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specific warranty details. If warranted goods are returned to Honeywell during the period of coverage, Honeywell will repair or replace, at its option, without charge those items it finds defective. The foregoing is buyer’s sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. In no event shall Honeywell be liable for consequential, special, or indirect damages. While we provide application assistance personally, through our literature and the Honeywell web site, it is up to the customer to determine the suitability of the product in the application. Specifications may change without notice. The information we supply is believed to be accurate and reliable as of this printing. However, we assume no responsibility for its use. WARNING PERSONAL INJURY DO NOT USE these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. Failure to comply with these instructions could result in death or serious injury. SALES AND SERVICE Honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. For application assistance, current specifications, pricing or name of the nearest Authorized Distributor, contact your local sales office or: E-mail: info.sc@honeywell.com Internet: www.honeywell.com/sensing Phone and Fax: Asia Pacific +65 6355-2828 +65 6445-3033 Fax Europe +44 (0) 1698 481481 +44 (0) 1698 481676 Fax Latin America +1-305-805-8188 +1-305-883-8257 Fax USA/Canada +1-800-537-6945 +1-815-235-6847 +1-815-235-6545 Fax |
Similar Part No. - MLH160PGB01A |
|
Similar Description - MLH160PGB01A |