Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

476TTA450MRZ Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 476TTA450MRZ
Description  85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476TTA450MRZ Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  476TTA450MRZ Datasheet HTML 1Page - Illinois Capacitor, Inc. 476TTA450MRZ Datasheet HTML 2Page - Illinois Capacitor, Inc. 476TTA450MRZ Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TTA
+85°C, Standard, general
purpose 2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.47
100
474TTA100M
705.474
10
5x13
1
50
105TTA050M
165.786
10
5x13
1
100
105TTA100M
331.573
18
5x13
1
160
105TTA160M
331.573
14
6.3x13
1
350
105TTA350M
331.573
20
6.3x16
1
450
105TTA450M
414.466
19
8x16
2.2
50
225TTA050M
75.358
23
5x13
2.2
100
225TTA100M
100.477
27
5x13
2.2
160
225TTA160M
100.477
23
6.3x16
2.2
250
225TTA250M
100.477
30
8x16
2.2
350
225TTA350M
100.477
33
8x16
2.2
450
225TTA450M
188.394
31
10x21
3.3
100
335TTA100M
100.477
34
5x13
3.3
160
335TTA160M
100.477
33
8x16
3.3
250
335TTA250M
100.477
40
8x16
3.3
450
335TTA450M
125.596
38
8x20
4.7
50
475TTA050M
35.274
36
5x13
4.7
100
475TTA100M
70.547
40
5x13
4.7
160
475TTA160M
70.547
50
8x16
4.7
350
475TTA350M
70.547
55
8x20
4.7
450
475TTA450M
88.184
50
10x26
10
35
106TTA035M
19.894
41
5x13
10
50
106TTA050M
16.579
50
5x13
10
63
106TTA063M
16.579
55
5x13
10
100
106TTA100M
33.157
65
6.3x13
10
160
106TTA160M
33.157
80
8x20
10
250
106TTA250M
33.157
90
10x21
10
350
106TTA350M
33.157
100
13x26
10
450
106TTA450M
41.447
90
13x26
15
50
156TTA050M
11.0524
70
5x13
22
35
226TTA035M
9.043
70
5x13
22
50
226TTA050M
7.536
85
6.3x13
22
100
226TTA100M
15.072
120
8x16
22
160
226TTA160M
15.072
130
10x26
22
250
226TTA250M
15.072
160
13x26
22
350
226TTA350M
15.072
150
13x31
22
450
226TTA450M
18.839
160
16x31
22
500
226TTA500AQW
16.75
115
16x32
33
25
336TTA025M
7.536
80
5x13
33
50
336TTA050M
5.024
115
6.3x16
33
100
336TTA100M
10.048
145
8x16
33
160
336TTA160M
10.048
170
13x26
33
250
336TTA250M
10.048
190
13x31
33
350
336TTA350M
10.048
210
16x31.5
33
450
336TTA450M
12.56
230
16x41
47
16
476TTA016M
5.997
90
5x13
47
25
476TTA025M
5.291
105
6.3x13
47
50
476TTA050M
3.527
140
6.3x16
47
63
476TTA063M
3.527
165
8x16
47
100
476TTA100M
7.055
190
8x20
47
160
476TTA160M
7.055
225
13x31
47
250
476TTA250M
7.055
255
16x31
47
350
476TTA350M
7.055
290
16x41
47
450
476TTA450MRZ
7.055
300
18x41
47
500
476TTA500ARZ
7.839
290
18x40
68
16
686TTA016M
4.145
150
6.3x16
68
35
686TTA035M
2.926
200
8x16
68
63
686TTA063M
2.438
250
8x20
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
100
10
107TTA010M
3.316
130
6.3x13
100
25
107TTA025M
2.487
170
6.3x13
100
35
107TTA035M
1.989
200
8x16
100
50
107TTA050M
1.658
220
8x16
100
63
107TTA063M
1.658
260
8x20
100
100
107TTA100M
3.316
310
10x26
100
160
107TTA160M
3.316
400
16x31
100
250
107TTA250M
3.316
450
16x41
100
350
107TTA350M
3.316
460
18x41
100
450
107TTA450M
4.145
370
22x51
150
25
157TTA025M
1.658
260
8x16
150
35
157TTA035M
1.326
270
8x20
150
50
157TTA050M
1.105
285
10x16
150
63
157TTA063M
1.105
310
10x21
150
100
157TTA100M
2.211
515
13x26
220
16
227TTA016M
1.281
260
8x16
220
25
227TTA025M
1.13
280
8x16
220
35
227TTA035M
0.904
340
8x20
220
50
227TTA050M
0.754
440
10x21
220
63
227TTA063M
0.754
490
10x25
220
100
227TTA100M
1.507
560
13x26
220
160
227TTA160M
1.507
660
22x41
220
250
227TTA250M
1.507
764
22x41
330
16
337TTA016M
0.854
320
8x16
330
25
337TTA025M
0.754
385
8x20
330
50
337TTA050M
0.502
565
10x26
330
63
337TTA063M
0.502
650
13x26
330
100
337TTA100M
1.005
730
13x31
470
10
477TTA010M
0.7055
350
8x16
470
16
477TTA016M
0.5997
450
8x20
470
25
477TTA025M
0.529
560
10x21
470
35
477TTA035M
0.423
640
10x26
470
50
477TTA050M
0.353
740
13x26
470
63
477TTA063M
0.353
845
13x31
470
100
477TTA100M
0.706
960
16x31
1000
10
108TTA010M
0.332
570
10x21
1000
16
108TTA016M
0.282
700
10x26
1000
25
108TTA025M
0.249
830
13x26
1000
35
108TTA035M
0.199
980
13x26
1000
50
108TTA050M
0.166
1130
16x30
1000
63
108TTA063M
0.166
1330
16x31
1000
80
108TTA080M
0.149
1500
16x41
1000
100
108TTA100M
0.332
1640
18x41
1500
25
158TTA025M
0.188
1150
13x26
1500
35
158TTA035M
0.155
1280
16x31
1500
50
158TTA050M
0.133
1480
16x41
2200
10
228TTA010M
0.181
1100
13x26
2200
16
228TTA016M
0.158
1190
13x31
2200
25
228TTA025M
0.143
1480
16x31
2200
35
228TTA035M
0.121
1580
16x31
2200
50
228TTA050M
0.106
1930
16x41
2200
63
228TTA063M
0.098
2158
18x40
2200
80
228TTA080M
0.106
2260
22x51
2200
100
228TTA100M
0.181
2560
25x51
3300
10
338TTA010M
0.131
1435
13x31
3300
16
338TTA016M
0.116
1610
16x31
3300
25
338TTA025M
0.106
1700
16x31
3300
35
338TTA035M
0.0904
1810
16x41


Similar Part No. - 476TTA450MRZ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476TTA450MRZ ILLINOISCAPACITOR-476TTA450MRZ Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
476TTA450MRZ ILLINOISCAPACITOR-476TTA450MRZ Datasheet
291Kb / 3P
   Axial lead - High voltage
476TTA450MRZ ILLINOISCAPACITOR-476TTA450MRZ Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
476TTA450MRZ ILLINOISCAPACITOR-476TTA450MRZ Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
476TTA450MRZ ILLINOISCAPACITOR-476TTA450MRZ Datasheet
119Kb / 1P
   AXIAL LEAD
More results

Similar Description - 476TTA450MRZ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
105TLS050M ILLINOISCAPACITOR-105TLS050M_13 Datasheet
187Kb / 2P
   85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M_13 Datasheet
206Kb / 2P
   85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
logo
RFE international
TE101M1ETR080130 RFE-TE101M1ETR080130 Datasheet
117Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TEA Series: Axial General Purpose
TEA RFE-TEA Datasheet
187Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TEA Series: Axial General Purpose
REV 2010.10.10
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M_13 Datasheet
356Kb / 3P
   105C General Purpose Axial Lead Aluminum
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com