Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST005BG1SPGF Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # ST005BG1SPGF
Description  Amplified output whicheliminates the cost of external amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ST005BG1SPGF Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  ST005BG1SPGF Datasheet HTML 1Page - Honeywell Solid State Electronics Center ST005BG1SPGF Datasheet HTML 2Page - Honeywell Solid State Electronics Center ST005BG1SPGF Datasheet HTML 3Page - Honeywell Solid State Electronics Center ST005BG1SPGF Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Stainless Steel Pressure Sensors
ST Series
FEATURES
• Amplified output which
eliminates the cost of
external amplifiers
• Reverse polarity protection
prevents damaged from
reversed excitation
• Less than 500 µs response
time for accurate high
speed measurements
• Exceeds CE Heavy
Industrial EMC
• High value with
outstanding performance
TYPICAL APPLICATIONS
• Pneumatic equipment
• Air compressors
• Air filtration monitoring
• Industrial controls
WARNING
PERSONAL INJURY
DO NOT USE these
products as safety or
emergency stop devices or
in any other application
where failure of the product
could result in personal
injury.
Failure to comply with
these instructions could
result in death or serious
injury.
The Model ST pressure transducer combines Honeywell's proven silicon
pressure sensing with the latest in ASIC technology in a rugged, industrial
package. High value, coupled with outstanding performance, make this an
ideal transducer for industrial control applications such as air compressors
and pneumatic equipment. Temperature compensated, calibrated, and
amplified, the ST has pressure ranges from 0 psi to 5.0 psi to 0 psi to 250
psi.
The ST offers three standard output options for user flexibility, which are
as follows: a 0.50 Vdc to 4.50 Vdc ratiometric output from 5.0 Vdc excitation,
a 0.50 Vdc to 4.50 Vdc regulated output from 7.0 Vdc to 35.0 Vdc excitation,
or a 4 mA to 20 mA output from 9.5 Vdc to 35.0 Vdc. The ST transducer
delivers ±1.0% full scale accuracy (BFSL) over a wide temperature range of
-40 °C to 100 °C [-40 °F to 212 °F] and utilizes a proven industry standard
connector for high reliability.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for reference only. Do
not use this document as a product installation guide.
• Complete installation, operation, and maintenance information is
provided in the instructions supplied with each product.
Failure to comply with these instructions could result in death or
serious injury.
Sensing and Control


Similar Part No. - ST005BG1SPGF

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ST005PG1SPGF HONEYWELL-ST005PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG1SPGF HONEYWELL-ST005PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
More results

Similar Description - ST005BG1SPGF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
   member of the low-cost
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
   Amplified Ratiometric Analog Output
logo
Analog Devices
AD8531 AD-AD8531 Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
E-Tech Electronics LTD
GBC328 ETL-GBC328 Datasheet
191Kb / 3P
   The GBC328 is designed for drive and output-stages of audio amplifiers
GBC337 ETL-GBC337 Datasheet
188Kb / 3P
   The GBC337 is designed for drive and output-stages of audio amplifiers
GBC548 ETL-GBC548 Datasheet
171Kb / 2P
   The GBC548 is designed for drive and output-stages of audio amplifiers
logo
Analog Devices
AD8531 AD-AD8531_08 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
E-Tech Electronics LTD
GBC338 ETL-GBC338 Datasheet
189Kb / 3P
   The GBC338 is designed for drive and output-stages of audio amplifiers
GBC558 ETL-GBC558 Datasheet
186Kb / 2P
   The GBC558 is designed for drive and output-stages of audio amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com