Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5062A Datasheet(PDF) 4 Page - Texas Instruments

Part # PT5062A
Description  Single Device: 5V Input Complimentary Dual Output:
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5062A Datasheet(HTML) 4 Page - Texas Instruments

  PT5062A Datasheet HTML 1Page - Texas Instruments PT5062A Datasheet HTML 2Page - Texas Instruments PT5062A Datasheet HTML 3Page - Texas Instruments PT5062A Datasheet HTML 4Page - Texas Instruments PT5062A Datasheet HTML 5Page - Texas Instruments PT5062A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jan-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PT5061A
LIFEBUY SIP MODULE
ECA
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5061C
LIFEBUY SIP MODULE
ECC
12
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT5061N
LIFEBUY SIP MODULE
ECD
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5061R
LIFEBUY SIP MODULE
ECE
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5062A
LIFEBUY SIP MODULE
ECA
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5062C
LIFEBUY SIP MODULE
ECC
12
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT5062G
LIFEBUY SIP MODULE
ECG
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT5062N
LIFEBUY SIP MODULE
ECD
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Similar Part No. - PT5062A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5062 TI-PT5062 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
Pulse A Technitrol Comp...
PT5062 PULSE-PT5062 Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - PT5062A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
M3G120 IRF-M3G120_15 Datasheet
161Kb / 9P
   120V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
   70V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com