Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DSI96 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65DSI96
Description  Embedded DisplayPort (eDP) 1.4 Compliant Supporting 1, 2, or 4 Lanes at 1.62Gbps (RBR)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65DSI96 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65DSI96 Datasheet HTML 7Page - Texas Instruments SN65DSI96 Datasheet HTML 8Page - Texas Instruments SN65DSI96 Datasheet HTML 9Page - Texas Instruments SN65DSI96 Datasheet HTML 10Page - Texas Instruments SN65DSI96 Datasheet HTML 11Page - Texas Instruments SN65DSI96 Datasheet HTML 12Page - Texas Instruments SN65DSI96 Datasheet HTML 13Page - Texas Instruments SN65DSI96 Datasheet HTML 14Page - Texas Instruments SN65DSI96 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
R
RST=150k
VCCIO
C
EN
SN65DSI86
C
EN
SN65DSI86
controller
GPO
Low Power (LP)
Mode Receiver
LP-RX
Input LOW
LP-RX
Input HIGH
1.3V
VIH-LP
GND
VIL-LP
VIH-HS
High Speed (HS) Mode
Receiver
HS-RX
Common Mode
Range
VCM-HS(MAX)
VCM-HS(MIN)
VID
VIL-HS
SN65DSI86
SN65DSI96
www.ti.com
SLLSEH2 – SEPTEMBER 2013
Figure 3. DSI Receiver Voltage Definitions
RESET IMPLEMENTATION
When EN is de-asserted, CMOS inputs are ignored, the MIPI® D-PHY inputs are disabled, and outputs are high
impedance. It is critical to transition the EN input from a low to a high level after the VCC supply has reached the
minimum recommended operating voltage. This is achieved by a control signal to the EN input, or by an external
capacitor connected between EN and GND. To insure that the SN65DSIX6 is properly reset, the EN pin must be
de-asserted for at least 100 µs before being asserted.
When implementing the external capacitor, the size of the external capacitor depends on the power up ramp of
the VCC supply, where a slower ramp-up results in a larger value external capacitor. Refer to the latest reference
schematic for the SN65DSIX6 device and/or consider approximately 200nF capacitor as a reasonable first
estimate for the size of the external capacitor.
Both EN implementations are shown in the following figures.
Figure 4. External Capacitor Controlled EN
Figure 5. EN Input from Active Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65DSI86 SN65DSI96


Similar Part No. - SN65DSI96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI83 TI-SN65DSI83 Datasheet
1Mb / 34P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Single-Link LVDS Bridge
SN65DSI83 TI1-SN65DSI83 Datasheet
770Kb / 51P
[Old version datasheet]   Automotive Single-Channel MIPI짰 DSI to Single-Link LVDS Bridge
SN65DSI83 TI-SN65DSI83 Datasheet
2Mb / 49P
[Old version datasheet]   SN65DSI83 MIPI짰 DSI Bridge to FlatLink??LVDS Single-Channel DSI to Single-Link LVDS Bridge
SN65DSI83-Q1 TI1-SN65DSI83-Q1 Datasheet
770Kb / 51P
[Old version datasheet]   Automotive Single-Channel MIPI짰 DSI to Single-Link LVDS Bridge
SN65DSI83-Q1 TI-SN65DSI83-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   SN65DSI83 MIPI짰 DSI Bridge to FlatLink??LVDS Single-Channel DSI to Single-Link LVDS Bridge
More results

Similar Description - SN65DSI96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
logo
IOGEAR
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
   2-Port 8K DisplayPort 1.4 Switch
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
   DisplayPort 1.4 8K Repeater
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
logo
NXP Semiconductors
CBTL04DP211 PHILIPS-CBTL04DP211 Datasheet
465Kb / 17P
   DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
logo
Chrontel, Inc.
CH7513A CHRONTEL-CH7513A Datasheet
217Kb / 8P
   CH7513A DP/eDP to LVDS or DP/eDP Converter
Rev 1.1 2023-05-05
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
   2-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Asahi Kasei Microsystem...
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
   Step-up DC/DC converter IC supporting 1 or 2 solar cells
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com