Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6203628-02XE Datasheet(PDF) 3 Page - Texas Instruments

Part # V6203628-02XE
Description  Controlled Baseline One Assembly/Test Site, One Fabrication Site
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6203628-02XE Datasheet(HTML) 3 Page - Texas Instruments

  V6203628-02XE Datasheet HTML 1Page - Texas Instruments V6203628-02XE Datasheet HTML 2Page - Texas Instruments V6203628-02XE Datasheet HTML 3Page - Texas Instruments V6203628-02XE Datasheet HTML 4Page - Texas Instruments V6203628-02XE Datasheet HTML 5Page - Texas Instruments V6203628-02XE Datasheet HTML 6Page - Texas Instruments V6203628-02XE Datasheet HTML 7Page - Texas Instruments V6203628-02XE Datasheet HTML 8Page - Texas Instruments V6203628-02XE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TLV5638EP
2.7V TO 5.5V LOW POWER DUAL 12BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SGLS130B − JULY 2002 − REVISED DECEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (VDD to AGND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLV5638Q (see Note 1)
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . .
TLV5638M (see Note 1)
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg (see Note 1)
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA: D package
131
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Long term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction
of overall device life. See www.ti.com/ep_quality for additional information on enhanced plastic packaging.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
VDD = 5 V
4.5
5
5.5
V
Supply voltage, VDD
VDD = 3 V
2.7
3
3.3
V
Power on reset, POR
0.55
2
V
High-level digital input voltage, VIH
VDD = 2.7 V
2
V
High-level digital input voltage, VIH
VDD = 5.5 V
2.4
V
Low-level digital input voltage, VIL
VDD = 2.7 V
0.6
V
Low-level digital input voltage, VIL
VDD = 5.5 V
0.8
V
Reference voltage, Vref to REF terminal
VDD = 5 V (see Note 1)
AGND
2.048
VDD −1.5
V
Reference voltage, Vref to REF terminal
VDD = 3 V (see Note 1)
AGND
1.024
VDD −1.5
V
Load resistance, RL
2
k
Load capacitance, CL
100
pF
Clock frequency, fCLK
20
MHz
Operating free-air temperature, TA
TLV5638Q (see Note 2)
−40
125
°C
Operating free-air temperature, TA
TLV5638M (see Note 2)
−55
125
°C
NOTES:
1. Due to the x2 output buffer, a reference input voltage
≥ (VDD−0.4 V)/2 causes clipping of the transfer function. The output buffer of
the internal reference must be disabled, if an external reference is used.
2. Long term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction
of overall device life. See www.ti.com/ep_quality for additional information on enhanced plastic packaging.


Similar Part No. - V6203628-02XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V6203624-01XE TI-V6203624-01XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
V6203624-02XE TI-V6203624-02XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
V6203624-03XE TI-V6203624-03XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
V6203624-04XE TI-V6203624-04XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
V6203624-05XE TI-V6203624-05XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
More results

Similar Description - V6203628-02XE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346WM INTERSIL-ISL22346WM Datasheet
101Kb / 3P
   Controlled Baseline with One Wafer Fabrication Site and
logo
M/A-COM Technology Solu...
628702A MA-COM-628702A Datasheet
33Kb / 2P
   Test Site Transfer
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
   One PCI-Express x8 XMC site
logo
Molex Electronics Ltd.
130111-0036 MOLEX11-130111-0036 Datasheet
31Kb / 1P
   LITE-A-SITE Guy Wire Assembly
1301110037 MOLEX11-1301110037 Datasheet
60Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
130111-0037 MOLEX11-130111-0037 Datasheet
31Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
logo
PHOENIX CONTACT
1620019 PHOENIX-1620019 Datasheet
74Kb / 3P
   Connector for flexible on-site assembly
logo
Molex Electronics Ltd.
1301110036 MOLEX11-1301110036 Datasheet
43Kb / 1P
   LITE-A-SITE Guy Wire Assembly
logo
Synaptics Incorporated.
CX93040 CONEXANT-CX93040 Datasheet
683Kb / 2P
   Remote Site Management
logo
MRV Communications, Inc...
LX-4108T-010AC MRV-LX-4108T-010AC Datasheet
153Kb / 2P
   4108 Remote Site Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com