Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T3253DGVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3T3253DGVR
Description  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3253DGVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74CB3T3253DGVR Datasheet HTML 2Page - Texas Instruments SN74CB3T3253DGVR Datasheet HTML 3Page - Texas Instruments SN74CB3T3253DGVR Datasheet HTML 4Page - Texas Instruments SN74CB3T3253DGVR Datasheet HTML 5Page - Texas Instruments SN74CB3T3253DGVR Datasheet HTML 6Page - Texas Instruments SN74CB3T3253DGVR Datasheet HTML 7Page - Texas Instruments SN74CB3T3253DGVR Datasheet HTML 8Page - Texas Instruments SN74CB3T3253DGVR Datasheet HTML 9Page - Texas Instruments SN74CB3T3253DGVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
CL
(see Note A)
TEST CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
tPLH
tPHL
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOH
VOL
0 V
VOL + V
VOH − V
0 V
Output
Control
(VIN)
VCC
VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (tpd(s))
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd(s). The tpd propagation delay is the calculated RC time constant of the typical ON-state resistance
of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
H. All parameters and waveforms are not applicable to all devices.
50
VG1
VCC
DUT
50
VIN
50
VG2
50
VI
TEST
RL
S1
V
CL
2.5 V
± 0.2 V
3.3 V
± 0.3 V
VCC
VI
tPHZ/tPZH
tPLZ/tPZL
tpd(s)
2.5 V
± 0.2 V
3.3 V
± 0.3 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
Open
Open
2
× VCC
2
× VCC
Open
Open
500
500
500
500
500
500
3.6 V or GND
5.5 V or GND
GND
GND
3.6 V
5.5 V
30 pF
50 pF
30 pF
50 pF
30 pF
50 pF
0.15 V
0.3 V
0.15 V
0.3 V
Output
Control
(VIN)
Input Generator
Input Generator
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VO
SN74CB3T3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SCDS148 – OCTOBER 2003 – REVISED JUNE 2005
Figure 2. Test Circuit and Voltage Waveforms
6


Similar Part No. - SN74CB3T3253DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3253DGVR TI-SN74CB3T3253DGVR Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DGVR TI1-SN74CB3T3253DGVR Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74CB3T3253DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com