Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2061CDGNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2061CDGNR
Description  Current-Limited, Power-Distribution Switches
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2061CDGNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2061CDGNR Datasheet HTML 4Page - Texas Instruments TPS2061CDGNR Datasheet HTML 5Page - Texas Instruments TPS2061CDGNR Datasheet HTML 6Page - Texas Instruments TPS2061CDGNR Datasheet HTML 7Page - Texas Instruments TPS2061CDGNR Datasheet HTML 8Page - Texas Instruments TPS2061CDGNR Datasheet HTML 9Page - Texas Instruments TPS2061CDGNR Datasheet HTML 10Page - Texas Instruments TPS2061CDGNR Datasheet HTML 11Page - Texas Instruments TPS2061CDGNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 0 Ω, TPS2065C
G003
Output Voltage
−2.5m
2.5m
7.5m
12.5m
17.5m
22.5m25m
−1
0
1
2
3
4
5
6
7
8
9
FLT
EN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.20
1.50
1.80
2.00
Time (s)
Output Current
VIN = 5 V,COUT = 150 µF, RLOAD = 50 mΩ, TPS2065C
G004
−2m
0
2m
4m
6m
8m 10m 12m 14m 16m 18m 20m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 5 Ω, TPS2065C
G001
−2m
0
2m
4m
6m
8m 10m 12m 14m 16m 18m 20m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 100 Ω, TPS2065C
G002
OUT
IN
GND
FLT
EN or
680mF
3
3.01kW
2
Enable
Signal
VIN
VOUT
Fault Signal
Pad
1
RLOAD
OUT
1
OUT
1
IN
1
VIN
EN
2
IOUT
TPS20xxC, TPS20xxC-2
SLVSAU6G – JUNE 2011 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS
(1)
Not every package has all pins
(2)
These parts are for test purposes
(3)
Helps with output shorting tests when external supply is used.
Figure 10. Test Circuit for System Operation in Typical Characteristics Section
Figure 11. TPS2065C Output Rise / Fall 5
Figure 12. TPS2065C Output Rise / Fall 100
Figure 13. TPS2065C Enable into Output Short
Figure 14. TPS2065C Pulsed Short Applied
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated


Similar Part No. - TPS2061CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2061CDGNR TI1-TPS2061CDGNR Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2061CDGNR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com