Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53318DQPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53318DQPR
Description  High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53318DQPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS53318DQPR Datasheet HTML 1Page - Texas Instruments TPS53318DQPR Datasheet HTML 2Page - Texas Instruments TPS53318DQPR Datasheet HTML 3Page - Texas Instruments TPS53318DQPR Datasheet HTML 4Page - Texas Instruments TPS53318DQPR Datasheet HTML 5Page - Texas Instruments TPS53318DQPR Datasheet HTML 6Page - Texas Instruments TPS53318DQPR Datasheet HTML 7Page - Texas Instruments TPS53318DQPR Datasheet HTML 8Page - Texas Instruments TPS53318DQPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPS53318, TPS53319
www.ti.com
SLUSAY8B – JUNE 2012 – REVISED MAY 2013
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN (main supply)
1.5
22
VDD
4.5
25
Input voltage range
VBST
4.5
28
V
VBST(with respect to LL)
4.5
6.5
EN, TRIP, VFB, RF, MODE, ROVP
–0.1
6.5
Output voltage range
LL
–1
27
V
PGOOD, VREG
–0.1
6.5
Junction temperature range, TJ
–40
125
°C
ELECTRICAL CHARACTERISTICS
Over recommended free-air temperature range, VVDD=12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN pin power conversion input
VVIN
1.5
22
V
voltage
VVDD
Supply input voltage
4.5
25.0
V
IVIN(leak)
VIN pin leakage current
VEN = 0 V
1
µA
IVDD
VDD supply current
TA = 25°C, No load, VEN = 5 V, VVFB = 0.630 V
420
590
µA
IVDDSDN
VDD shutdown current
TA = 25°C, No load, VEN = 0 V
110
µA
INTERNAL REFERENCE VOLTAGE
VVFB
VFB regulation voltage
CCM condition(1)
0.600
V
TA = 25°C
0.597
0.600
0.603
VVFB
VFB regulation voltage
0°C
≤ TA ≤ 85°C
0.5952
0.600
0.6048
V
–40°C
≤ TA ≤ 85°C
0.594
0.600
0.606
IVFB
VFB input current
VVFB = 0.630 V, TA = 25°C
0.01
0.20
µA
LDO OUTPUT
VVREG
LDO output voltage
0 mA
≤ IVREG ≤ 30 mA
4.77
5.00
5.36
V
IVREG
LDO output current(1)
Maximum current allowed from LDO
30
mA
VDO
Low drop out voltage
VVDD = 4.5 V, IVREG = 30 mA
250
mV
BOOT STRAP SWITCH
VFBST
Forward voltage
VVREG-VBST, IF = 10 mA, TA = 25°C
0.1
0.2
V
IVBSTLK
VBST leakage current
VVBST = 23 V, VSW = 17 V, TA = 25°C
0.01
1.50
µA
DUTY AND FREQUENCY CONTROL
tOFF(min)
Minimum off-time
TA = 25°C
150
260
400
ns
VIN = 17 V, VOUT = 0.6 V, fSW = 1 MHz,
tON(min)
Minimum on-time
35
ns
TA = 25 °C
(1)
SOFT START
RMODE = 39 kΩ
0.7
RMODE = 100 kΩ
1.4
Internal soft-start time from
tSS
ms
VOUT = 0 V to 95% of VOUT
RMODE = 200 kΩ
2.8
RMODE = 470 kΩ
5.6
OUTPUT VOLTAGE DISCHARGE
IDSCHG
Output voltage discharge current
VEN= 0 V, VSW= 0.5 V
5.0
6.6
9.0
mA
(1)
Ensured by design. Not production tested.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS53318 TPS53319


Similar Part No. - TPS53318DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
More results

Similar Description - TPS53318DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
TLV62585_018 TI1-TLV62585_018 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
TPS53353EVM-744 TI1-TPS53353EVM-744 Datasheet
3Mb / 24P
[Old version datasheet]   Synchronous Buck Converter With Eco-mode??Control Scheme
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com