Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2069CDGNR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2069CDGNR
Description  Current-Limited, Power-Distribution Switches
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2069CDGNR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2069CDGNR Datasheet HTML 1Page - Texas Instruments TPS2069CDGNR Datasheet HTML 2Page - Texas Instruments TPS2069CDGNR Datasheet HTML 3Page - Texas Instruments TPS2069CDGNR Datasheet HTML 4Page - Texas Instruments TPS2069CDGNR Datasheet HTML 5Page - Texas Instruments TPS2069CDGNR Datasheet HTML 6Page - Texas Instruments TPS2069CDGNR Datasheet HTML 7Page - Texas Instruments TPS2069CDGNR Datasheet HTML 8Page - Texas Instruments TPS2069CDGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPS20xxC, TPS20xxC-2
www.ti.com
SLVSAU6G – JUNE 2011 – REVISED JULY 2013
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage, IN
4.5
5.5
V
VEN
Input voltage, EN or EN
0
5.5
V
VIH
High-level input voltage, EN or EN
2
V
VIL
Low-level input voltage, EN or EN
0.7
V
TPS2041C and TPS2051C
0.5
TPS2061C, TPS2065C and TPS2065C-2
1
Continuous output current,
IOUT
A
OUT(1)
TPS2068C, TPS2069C and TPS2069C-2
1.5
TPS2000C and TPS2001C
2
TJ
Operating junction temperature
–40
125
°C
IFLT
Sink current into FLT
0
5
mA
(1)
Some package and current rating may request an ambient temperature derating of 85°C.
ELECTRICAL CHARACTERISTICS: TJ = TA = 25°C
(1)
Unless otherwise noted:, VIN = 5 V, VEN = VIN or VEN = GND, IOUT = 0 A. See the 'Device Information' table for the rated
current of each part number. Parametrics over a wider operational range are shown in the second 'Electrical Characteristics'
table.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
0.5 A rated output, 25°C
DBV
97
110
m
0.5 A rated output,
DBV
96
130
m
–40°C
≤ (TJ , TA) ≤ 85°C
DBV
96
110
1 A rated output, 25°C
m
DGN
86
100
DBV
96
130
1 A rated output,
m
–40°C
≤ (TJ , TA) ≤ 85°C
DGN
86
120
RDS(on)
Input – output resistance
DBV
76
91
m
1.5 A rated output, 25°C
DGN
69
84
m
DBV
76
106
m
1.5 A rated output,
–40°C
≤ (TJ , TA) ≤ 85°C
DGN
69
98
m
2 A rated output, 25°C
DGN, DGK
72
84
m
2 A rated output, –40°C
≤ (TJ , TA) ≤
DGN, DGK
72
98
m
85°C
CURRENT LIMIT
0.5A rated output
TPS20xxC
0.67
0.85
1.01
TPS20xxC
1.3
1.55
1.8
1 A rated output
TPS20xxC-2
1.18
1.53
1.88
Current-limit,
IOS
(2)
A
See Figure 7
TPS20xxC
1.7
2.15
2.5
1.5 A rated output
TPS20xxC-2
1.71
2.23
2.75
2 A rated output
TPS20xxC
2.35
2.9
3.4
SUPPLY CURRENT
IOUT = 0 A
0.01
1
ISD
Supply current, switch disabled
µA
–40°C
≤ (TJ , TA) ≤ 85°C, VIN = 5.5 V, IOUT = 0 A
2
IOUT = 0 A
60
70
ISE
Supply current, switch enabled
µA
–40°C
≤ (TJ , TA) ≤ 85°C, VIN = 5.5 V, IOUT = 0 A
85
VOUT = 0 V, VIN = 5 V, disabled,
0.05
1
measure IVIN
Ilkg
Leakage current
TPS20xxC-2
µA
–40°C
≤ (TJ , TA) ≤ 85°C, VOUT = 0 V,
2
VIN = 5 V, disabled, measure IVIN
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2)
See CURRENT LIMIT section for explanation of this parameter.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS2069CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2069CDGNR TI1-TPS2069CDGNR Datasheet
1Mb / 26P
[Old version datasheet]   Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
TPS2069CDGNR TI1-TPS2069CDGNR Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2069CDGNR TI1-TPS2069CDGNR Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2069CDGNR-2 TI1-TPS2069CDGNR-2 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2069CDGNR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com