Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC121S101EVAL Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC121S101EVAL
Description  12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC121S101EVAL Datasheet(HTML) 4 Page - Texas Instruments

  DAC121S101EVAL Datasheet HTML 1Page - Texas Instruments DAC121S101EVAL Datasheet HTML 2Page - Texas Instruments DAC121S101EVAL Datasheet HTML 3Page - Texas Instruments DAC121S101EVAL Datasheet HTML 4Page - Texas Instruments DAC121S101EVAL Datasheet HTML 5Page - Texas Instruments DAC121S101EVAL Datasheet HTML 6Page - Texas Instruments DAC121S101EVAL Datasheet HTML 7Page - Texas Instruments DAC121S101EVAL Datasheet HTML 8Page - Texas Instruments DAC121S101EVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics (Continued)
Values shown in this table are design targets and are subject to change before product release. The following specifica-
tions apply for V
A = +2.7V to +5.5V, RL =2k
Ω to GND, C
L = 200 pF to GND, fSCLK = 30 MHz, input code range 48 to 4047.
Boldface limits apply for T
MIN
≤ T
A
≤ T
MAX: all other limits TA = 25˚C, unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
I
OS
Output Short Circuit Current
V
A = 5V, VOUT = 0V,
Input code = FFFh
−63
mA
V
A = 3V, VOUT = 0V,
Input code = FFFh
−50
mA
V
A = 5V, VOUT = 5V,
Input code = 000h
74
mA
V
A = 3V, VOUT = 3V,
Input code = 000h
53
mA
LOGIC INPUT
I
IN
Input Current (Note 10)
±1
µA (max)
V
IL
Input Low Voltage (Note 10)
V
A =5V
0.8
V (max)
V
A =3V
0.5
V (max)
V
IH
Input High Voltage (Note 10)
V
A =5V
2.4
V (min)
V
A =3V
2.1
V (min)
C
IN
Input Capacitance (Note 10)
3
pF (max)
POWER REQUIREMENTS
I
A
Supply Current (output
unloaded)
Normal Mode
f
SCLK =30MHz
V
A = 5.5V
260
312
µA (max)
V
A = 3.6V
177
217
µA (max)
Normal Mode
f
SCLK =20MHz
V
A = 5.5V
224
279
µA (max)
V
A = 3.6V
158
197
µA (max)
Normal Mode
f
SCLK =0
V
A = 5.5V
153
µA (max)
V
A = 3.6V
118
µA (max)
All PD Modes,
f
SCLK =30MHz
V
A = 5.0V
84
µA (max)
V
A = 3.0V
42
µA (max)
All PD Modes,
f
SCLK =20MHz
V
A = 5.0V
56
µA (max)
V
A = 3.0V
28
µA (max)
All PD Modes,
f
SCLK = 0 (Note 10)
V
A = 5.5V
0.07
1.0
µA (max)
V
A = 3.6V
0.04
1.0
µA (max)
P
C
Power Consumption (output
unloaded)
Normal Mode
f
SCLK =30MHz
V
A = 5.5V
1.43
1.72
mW (max)
V
A = 3.6V
0.64
0.78
mW (max)
Normal Mode
f
SCLK =20MHz
V
A = 5.5V
1.23
1.53
mW (max)
V
A = 3.6V
0.57
0.71
mW (max)
Normal Mode
f
SCLK =0
V
A = 5.5V
0.84
µW (max)
V
A = 3.6V
0.42
µW (max)
All PD Modes,
f
SCLK =30MHz
V
A = 5.0V
0.42
µW (max)
V
A = 3.0V
0.13
µW (max)
All PD Modes,
f
SCLK =20MHz
V
A = 5.0V
0.28
µW (max)
V
A = 3.0V
0.08
µW (max)
All PD Modes,
f
SCLK = 0 (Note 10)
V
A = 5.5V
0.39
5.5
µW (max)
V
A = 3.6V
0.14
3.6
µW (max)
I
OUT /IA
Power Efficiency
I
LOAD = 2mA
V
A =5V
91
%
V
A =3V
94
%
www.national.com
4


Similar Part No. - DAC121S101EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101EVAL NSC-DAC121S101EVAL Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101EVAL NSC-DAC121S101EVAL Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

Similar Description - DAC121S101EVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com