Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A12511DGKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS12A12511DGKR
Description  SINGLE SPDT ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS12A12511DGKR Datasheet(HTML) 3 Page - Texas Instruments

  TS12A12511DGKR Datasheet HTML 1Page - Texas Instruments TS12A12511DGKR Datasheet HTML 2Page - Texas Instruments TS12A12511DGKR Datasheet HTML 3Page - Texas Instruments TS12A12511DGKR Datasheet HTML 4Page - Texas Instruments TS12A12511DGKR Datasheet HTML 5Page - Texas Instruments TS12A12511DGKR Datasheet HTML 6Page - Texas Instruments TS12A12511DGKR Datasheet HTML 7Page - Texas Instruments TS12A12511DGKR Datasheet HTML 8Page - Texas Instruments TS12A12511DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TS12A12511
www.ti.com
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
ELECTRICAL CHARACTERISTICS
±5-V Dual Supply
V+ = 5 V ± 10%, V- = -5 V ± 10%, TA = –40°C to 85°C (unless otherwise noted)
TA= 25°C
TA= –40°C to 85°C
PARAMETER
SYMBOL
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Analog Switch
Analog signal range
V
V+
V
VNC = -4.5 V to +4.5 V
ON-state resistance
rON
or VNO = –4.5 V to 4.5 V, ICOM = –10 mA;
5
5
8
see Figure 12
ON-state resistance
VNC = -4.5 V to +4.5 V
match between
ΔrON
or VNO = -4.5 V to +4.5 V,
1
1.2
1.6
channels
ICOM = –10 mA
VNC = -3.3 V to +3.3 V
ON-state resistance
rON(flat)
or VNO = -3.3 V to +3.3 V,
1.6
2.2
2.2
flatness
ICOM = –10 mA
Leakage Currents
VNC = -4.5 V to +4.5 V
INC(OFF),
OFF leakage current
or VNO = -4.5 V to +4.5V
±0.5
±1
±50
nA
INO(OFF)
VCOM = -4.5 V to +4.5 V; see Figure 13
VNC = -4.5 V to +4.5 V
INC(ON),
ON leakage current
or VNO = -4.5 V to +4.5 V
±0.5
±1
±50
nA
INO(ON)
VCOM = open; see Figure 14
Digital Inputs
High-level input
VINH
2.4
V+
V
voltage
Low-level input
VINL
0
0.8
V
voltage
Input current
IINL, IINH
VIN = VINL or VINH
0.005
±1
μA
Control input
CIN
2.5
pF
capacitance
Dynamic(1)
RL = 300 Ω, CL = 35 pF,
Turn-ON time
tON
80
95
115
ns
VCOM = 3.3 V; see Figure 16
RL = 300 Ω, CL = 35 pF,
Turn-OFF time
tOFF
41
50
56
ns
VCOM = 3.3 V
Break-before-make
RL = 300 Ω, CL = 35 pF,
tBBM
36
18
ns
time delay
VNC = VNO = 3.3 V; see Figure 17
VNC = VNO = 0 V, RGEN = 0 Ω, CL = 1 nF;
Charge injection
QC
26
pC
see Figure 18
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
OFF isolation
OISO
–70
dB
see Figure 19
Channel-to-channel
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
XTALK
–70
dB
crosstalk
see Figure 20
Bandwidth
–3 dB
BW
RL = 50 Ω, CL = 5 pF; see Figure 21
93
MHz
Total harmonic
RL = 600 Ω, CL = 15pF, VNO = 1VRMS,
THD
0.004
%
distortion
f = 20 kHz; see Figure 22
NC, NO
CNC(OFF),
f = 1 MHz; see Figure 15
14
pF
OFF capacitance
CNO(OFF)
CCOM(ON),
COM, NC, NO
CNC(ON),
f = 1 MHz; see Figure 15
60
pF
ON capacitance
CNO(ON)
Supply
Positive supply current
I+
0.03
1
μA
(1)
Ensured by design, not subject to production test.
Copyright
© 2009–2011, Texas Instruments Incorporated
3


Similar Part No. - TS12A12511DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511DGKR TI1-TS12A12511DGKR Datasheet
869Kb / 24P
[Old version datasheet]   6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511DGKR TI1-TS12A12511DGKR Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

Similar Description - TS12A12511DGKR

ManufacturerPart #DatasheetDescription
logo
Savitech Corp.
SV74157A SAVITECH-SV74157A Datasheet
254Kb / 8P
   Single SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
logo
Intersil Corporation
ISL76123AHZ-T INTERSIL-ISL76123AHZ-T Datasheet
411Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
August 15, 2014
logo
Vishay Siliconix
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 30-Jun-03
logo
Xicor Inc.
ISL76123 XICOR-ISL76123 Datasheet
449Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
   LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
Rev. B, 19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com