Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A12511DGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS12A12511DGKR
Description  SINGLE SPDT ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS12A12511DGKR Datasheet(HTML) 1 Page - Texas Instruments

  TS12A12511DGKR Datasheet HTML 1Page - Texas Instruments TS12A12511DGKR Datasheet HTML 2Page - Texas Instruments TS12A12511DGKR Datasheet HTML 3Page - Texas Instruments TS12A12511DGKR Datasheet HTML 4Page - Texas Instruments TS12A12511DGKR Datasheet HTML 5Page - Texas Instruments TS12A12511DGKR Datasheet HTML 6Page - Texas Instruments TS12A12511DGKR Datasheet HTML 7Page - Texas Instruments TS12A12511DGKR Datasheet HTML 8Page - Texas Instruments TS12A12511DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8
7
6
5
COM
NC
GND
V
+
NO
V
IN
N.C.
1
2
3
4
DCN PACKAGE
(TOP VIEW)
DRJ PACKAGE
(TOP VIEW)
8
7
6
5
1
2
3
4
DGK PACKAGE
(TOP VIEW)
COM
NC
GND
V
+
NO
V
IN
N.C.
COM
NC
GND
V
+
6
8
7
NO
V
IN
N.C.
3
1
2
4
5
TS12A12511
www.ti.com
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
±6 V/+12 V, 5 Ω, LOW rON SINGLE SPDT ANALOG SWITCH
Check for Samples: TS12A12511
1
FEATURES
±2.7 V to ±6 V Dual Supply
2.7 V to 12 V Single Supply
5-
Ω (typ) ON-State Resistance
1.6-
Ω (typ) ON-State Resistance Flatness
3.3-V, 5-V Compatible Digital Control Inputs
Rail-to-Rail Analog Signal Handling
Fast tON, tOFF Times
Tiny 8-Lead SOT-23, 8-Lead MSOP, and QFN-8
Packages
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
APPLICATIONS
Automatic Test Equipment
Power Routing
Communication Systems
Data Acquisition Systems
Sample-and-Hold Systems
Relay Replacement
Battery-Powered Systems
N.C.
– Not internally connected
NC
– Normally closed
NO
– Normally open
The Exposed Thermal Pad must be
electrically connected to Vor left floating.
DESCRIPTION/ORDERING INFORMATION
The TS12A12511 is a single-pole double-throw (SPDT) analog switch capable of passing signals with swings of
0 to 12 V or
–6 V to 6 V. This switch conducts equally well in both directions when it is on. It also offers a low
ON-state resistance of 5
Ω (typical), which is matched to within 1 Ω between channels. The max current
consumption is
<1 μA and –3 dB bandwidth is >93 MHz. The TS12A12511 exhibits break-before-make switching
action, preventing momentary shorting when switching channels. This device is available packaged in an 8-lead
MSOP, 8-lead SOT-23, and a 8-pin QFN.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2009–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS12A12511DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A12511DGKR TI1-TS12A12511DGKR Datasheet
869Kb / 24P
[Old version datasheet]   6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511DGKR TI1-TS12A12511DGKR Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

Similar Description - TS12A12511DGKR

ManufacturerPart #DatasheetDescription
logo
Savitech Corp.
SV74157A SAVITECH-SV74157A Datasheet
254Kb / 8P
   Single SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
logo
Intersil Corporation
ISL76123AHZ-T INTERSIL-ISL76123AHZ-T Datasheet
411Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
August 15, 2014
logo
Vishay Siliconix
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 30-Jun-03
logo
Xicor Inc.
ISL76123 XICOR-ISL76123 Datasheet
449Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
   LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
Rev. B, 19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com