Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8371 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8371
Description  16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8371 Datasheet(HTML) 5 Page - Texas Instruments

  ADS8371 Datasheet HTML 1Page - Texas Instruments ADS8371 Datasheet HTML 2Page - Texas Instruments ADS8371 Datasheet HTML 3Page - Texas Instruments ADS8371 Datasheet HTML 4Page - Texas Instruments ADS8371 Datasheet HTML 5Page - Texas Instruments ADS8371 Datasheet HTML 6Page - Texas Instruments ADS8371 Datasheet HTML 7Page - Texas Instruments ADS8371 Datasheet HTML 8Page - Texas Instruments ADS8371 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
TIMING CHARACTERISTICS
ADS8406
SLAS426A – AUGUST 2004 – REVISED DECEMBER 2004
All specifications typical at –40
°C to 85°C, +VA = +VBD = 5 V (1)(2)(3)
PARAMETER
MIN
TYP
MAX
UNIT
tCONV
Conversion time
500
650
ns
tACQ
Acquisition time
150
ns
tpd1
CONVST low to BUSY high
40
ns
tpd2
Propagation delay time, end of conversion to BUSY low
5
ns
tw1
Pulse duration, CONVST low
20
ns
tsu1
Setup time, CS low to CONVST low
0
ns
tw2
Pulse duration, CONVST high
20
ns
CONVST falling edge jitter
10
ps
tw3
Pulse duration, BUSY signal low
Min(tACQ)
ns
tw4
Pulse duration, BUSY signal high
610
ns
Hold time, First data bus data transition (RD low, or CS low for
th1
40
ns
read cycle, or BYTE input changes) after CONVST low
Delay time, CS low to RD low (or BUSY low to RD low when CS =
td1
0
ns
0)
tsu2
Setup time, RD high to CS high
0
ns
tw5
Pulse duration, RD low time
50
ns
ten
Enable time, RD low (or CS low for read cycle) to data valid
20
ns
td2
Delay time, data hold from RD high
0
ns
td3
Delay time, BYTE rising edge or falling edge to data valid
2
20
ns
tw6
Pulse duration, RD high
20
ns
tw7
Pulse duration, CS high time
20
ns
Hold time, last RD (or CS for read cycle ) rising edge to CONVST
th2
50
ns
falling edge
tsu3
Setup time, BYTE transition to RD falling edge
0
ns
th3
Hold time, BYTE transition to RD falling edge
0
ns
Disable time, RD high (CS high for read cycle) to 3-stated data
tdis
20
ns
bus
td5
Delay time, end of conversion to MSB data valid
10
ns
Byte transition setup time, from BYTE transition to next BYTE
tsu4
50
ns
transition
td6
Delay time, CS rising edge to BUSY falling edge
50
ns
td7
Delay time, BUSY falling edge to CS rising edge
50
ns
Setup time, from the falling edge of CONVST (used to start the
valid conversion) to the next falling edge of CONVST (when CS =
tsu(AB)
60
500
ns
0 and CONVST used to abort) or to the next falling edge of CS
(when CS is used to abort)
Setup time, falling edge of CONVST to read valid data (MSB) from
tsu5
MAX(tCONV) + MAX(td5)
ns
current conversion
Hold time, data (MSB) from previous conversion hold valid from
th4
MIN(tCONV)
ns
falling edge of CONVST
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagrams.
(3)
All timings are measured with 20-pF equivalent loads on all data bits and BUSY pins.
5


Similar Part No. - ADS8371

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
   16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8371 BURR-BROWN-ADS8371 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8371 TI1-ADS8371 Datasheet
1,003Kb / 36P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8371EVM TI-ADS8371EVM Datasheet
516Kb / 33P
[Old version datasheet]   Read This First
logo
Burr-Brown (TI)
ADS8371I BURR-BROWN-ADS8371I Datasheet
350Kb / 32P
   16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results

Similar Description - ADS8371

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Analog Devices
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com